Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1677 Datasheet(PDF) 2 Page - NEC

Part # UPC1677
Description  1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1677 Datasheet(HTML) 2 Page - NEC

  UPC1677 Datasheet HTML 1Page - NEC UPC1677 Datasheet HTML 2Page - NEC UPC1677 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Power Supply Voltage
V
6
ICC
Supply Current
mA
110
PT
Total Power Dissipation2
W
1.5
PIN
Input Power
dBm
+10
TOP
Operating Temperature
°C
-55 to +150
TSTG
Storage Temperature
°C
-65 to +200
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on 5 cm x 5 cm x 1.6 mm glass epoxy circuit board at
TA = maximum operating temperature.
EQUIVALENT CIRCUIT
IN
GND
VCC
OUT
GND
UPC1677B
TYPICAL PERFORMANCE CURVES TA = 25°C)
Frequency, f (MHz)
VCC = 5 V
100
500
1000
3000
40
30
20
10
0
-10
-20
-30
-40
UPC1677B
ISOLATION vs. FREQUENCY
100
90
80
70
60
-50
0
50
100
VCC = 5.0 V
Supply Voltage, VCC (V)
Operating Temperature, TOP (
°C)
100
80
60
40
20
0
12
3
4
56
0
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
CIRCUIT CURRENT vs.
OPERATING TEMPERATURE
INPUT RETURN LOSS vs.
FREQUENCY
VCC = 5 V
100
500
1000
3000
40
30
20
10
0
-10
-20
-30
-40
Frequency, f (MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com