Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1677 Datasheet (PDF) - NEC

UPC1677 Datasheet PDF - NEC
Part # UPC1677
Download  UPC1677 Download
File Size   45.28 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER

UPC1677 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1677 Datasheet PDF - NEC

Part # UPC1677
Download  UPC1677 Click to download

File Size   45.28 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER

UPC1677 Datasheet (HTML) - NEC


UPC1677 Product details

DESCRIPTION

The UPC1677 is a silicon monolithic integrated circuit designed as a wide-band amplifier covering the HF to UHF bands. The device features high output power, 19.5 dBm typical, high gain, 24 dB typical and operates from a single 5 volt supply. The UPC1677 is available in an 8 lead ceramic flat

package (UPC1677B).



FEATURES

• HIGH POWER OUTPUT:

   +19.5 dBm

• EXCELLENT FREQUENCY RESPONSE:

   1.7 GHz TYP at 3 dB Down

• HIGH POWER GAIN:

   24 dB TYP at 500 MHz

• SINGLE SUPPLY VOLTAGE: 5 V




Similar Part No. - UPC1677

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1677C RENESAS-UPC1677C Datasheet
219Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Similar Description - UPC1677

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678 NEC-UPC1678 Datasheet
126Kb / 6P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
Intersil Corporation
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
May 22, 2006
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
August 20, 2007
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G_01 Datasheet
252Kb / 6P
100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz
logo
Infineon Technologies A...
BGA614 INFINEON-BGA614_08 Datasheet
298Kb / 9P
Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Mar. 2008
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com