Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSPD200480D3K Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # BSPD200480D3K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD200480D3K Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  BSPD200480D3K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Technical Data 10209
Effective December 2015
Dimensions - in (mm) and weights
Figure 1. NEMA 1, 120kA-200kA Units,
Weight = 6.8 Lbs (3.1 kg)
Figure 2. NEMA 1, 300kA-400kA Units,
Weight = 13.5 Lbs (6.1 kg)
Eaton.com/bussmannseries
12.05
(306.1)
5.24
(133.1)
0.78
(19.8)
2.00
(50.8)
3.48
(88.4)
4.41
(112.0)
Ø0.20
(Ø5.1)
10.48
(266.2)
0.68
(17.3)
7.28
(184.9)
5.27
(133.9)
1.00
(25.4)
11.25
(285.8)
7.47
(189.7)
0.40
(10.2)
12.05
(306.1)
5.24
(133.1)
0.78
(19.8)
2.00
(50.8)
5.76
(146.3)
6.69
(169.9)
0.40
(10.2)
7.47
(189.7)
Ø0.20
(Ø5.1)
10.48
(266.2)
0.67
(17.0)
5.47
(138.9)
1.00
(25.4)
11.25
(285.8)
Figure 3. NEMA 4X, 120kA-400kA Units,
Weight = 120-200kA; 14.6 Lbs (6.6 kg),
250-400kA; 21.0 Lbs (9.5 kg)
A
B
120-200kA
2.60 (66.0)
5.39 (137.0)
250-400kA
4.10 (104.1)
7.68 (195.0)
Feature
Configuration
Basic
(Type 1)
Standard
(Type 2)
Standard
with
surge counter
(Type 2)
Surge protection using
thermally protected MOV
technology
X
X
X
Green and red LED
protection status
indicators for each phase
X
X
X
Green and red LED
protection status
indicators for the Neutral-
to-Ground protection
mode (Wye systems only)
X
X
X
Audible alarm with silence
button
X
X
Form C relay contact
X
X
EMI/RFI filtering,
providing up to 50dB of
noise attenuation from
10kHz to 100MHz
X
X
Surge counter with reset
button held in nonvolatile
memory
X
Enhanced protection status indicators
Unlike many SPDs that only have single-color indicators, all
BSPD units include green and red Light Emitting Diodes (LEDs)
that indicate the true protection status for each phase.
If power is removed from any one phase, the unit’s LEDs
continue to indicate the protection status on that phase —
regardless if power is applied to the phase. This feature ensures
proper indication.
Although many SPDs on the market have N-G surge protection,
they do not always have a means of monitoring and indicating
the protection status of that mode. All BSPD units for Wye
systems also contain green and red LED surge protection status
indicators for the Neutral-to-Ground (N-G) connection. Like the
phase protection status LEDs, the N-G protection status LEDs
show the true protection status in the N-G mode.
By specifying the BSPD, users are supplied with accurate
information concerning the surge protection status of their
electrical systems.
Configurations
The BSPD provides users with three configurations. These are:
•
Basic (UL Type 1 - can be installed in UL Type 2 locations)
•
Standard (UL Type 2)
•
Standard with surge counter (UL Type 2)
The proper configuration can be selected based on application
requirements or specification.
Table 1. configuration comparisons



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com