Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSPD200480D3K Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # BSPD200480D3K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD200480D3K Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  BSPD200480D3K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Technical Data 10209
Effective December 2015
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Voltage protection ratings
ANSI/UL 1449 3rd Edition voltage protection ratings
Voltage Protection Rating (V
PR) data for all units is included
in the following tables, The data varies based upon the
configuration and NEMA enclosure. V
PR values for the Basic
configurations are on the left-hand side of the page. Tables
on the right-hand side contain VPR values for the
Standard or
Standard with Surge Counter configurations.
Eaton.com/bussmannseries
Table 5. 120-200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
800
600
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2500
—
2500
600D
—
2500
—
2500
Table 6. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
700
600
1000
480Y
1000
1200
1000
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
Table 7. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
700
600
1000
480Y
1000
1200
1000
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
NEMA 1: Basic
(cat. nos. ending with 1K)
NEMA 1: Standard or Standard w/ Surge Counter
(cat. nos. ending with 2K or 3K)
Table 2. 120-200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1200
480Y
1200
1200
1200
2000
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2000
—
2500
600D
—
2500
—
2500
Table 3. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
Table 4. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com