Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASG2-D Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASG2-D
Description  Programmable - High Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG2-D Datasheet(HTML) 1 Page - Abracon Corporation

  ASG2-D Datasheet HTML 1Page - Abracon Corporation ASG2-D Datasheet HTML 2Page - Abracon Corporation ASG2-D Datasheet HTML 3Page - Abracon Corporation ASG2-D Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APPLICATIONS:
FEATURES:
2.5 x 2.0 x 1.0 mm
STANDARD SPECIFICATIONS:
• +2.5V or +3.3V operation
• -40°C to +85°C standard operating temperature range
• Miniature size 2.5 x 2.0 x 1.0 mm Ceramic SMT Package
• Short lead time
30332 Esperanza,Rancho SantaMargarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 07.01.14
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Programmable - High Performance
SMD XO & VCXO (LVDS Output)
Moisture Sensitivity Level (MSL) – 1
• Networking
• SONET/SDH
• WiMax / WLAN
• Computing
• Phase Locked Loops
• Direct Digital Synthesis (DDS)
• DSL/ADSL
• Base Terminal Stations
Note #1: Inclusive of initial tolerance at 25ºC±3ºC, operating temperature range, input voltage variation, load variation & 15 years
aging at 25ºC.
Note #2: The rms jitter integrated over 12kHz to 20MHz Bandwidth is dependent on the carrier and whether or not the final
frequency is achieved without engaging the Fractional Mode
Pb RoHS / RoHS II Compliant
ESD Sensitive
Parameters
Minimum
Typical
Maximum Units
Notes
z
H
M
0
0
5
1
8
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Operating Temperature
-40
+85
°C
C
°
5
2
1
+
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability
-50
+50
ppm
See Note # 1
Initial Tolerance + Stability over
operating temperature
-35.00
+35.00
ppm
Supply Voltage (Vdd)
Vdd = 3.3V
3.135
3.300
3.465
V
Vdd = 2.5V
2.375
2.500
2.625
V
t
n
e
d
n
e
p
e
d
y
c
n
e
u
q
e
r
F
A
m
0
4
t
n
e
r
r
u
C
t
u
p
n
I
LVDS Output
(OUT &
OUT )
Differential Output
Voltage Swing
350
mV
VOD
Duty Cycle
45
55
%
@1.25V
Rise Time
600
ps
RL=100Ω/CL=10pF
Fall Time
600
ps
RL=100Ω/CL=10pF
Enable/Disable Function
"1" (VIH ≥ 0.7*Vdd) or Open: Oscillation
"0" (VIL < 0.3*Vdd) : High Z
y
l
n
O
O
X
C
V
r
o
F
V
d
d
V
0
e
g
n
a
R
e
g
a
tl
o
V
l
o
rt
n
o
C
y
l
n
O
O
X
C
V
r
o
F
m
p
p
5
3
±
e
g
n
a
R
ll
u
P
e
t
u
l
o
s
b
A
Control Port Bandwidth
10
kHz
For VCXO Only
y
l
n
O
O
X
C
V
r
o
F
%
5
1
y
ti
r
a
e
n
i
L
e
v
it
i
s
o
P
e
p
o
l
S
For VCXO Only
Phase jitter RMS (12kHz to 20MHz offset)
1.0
1.8
ps
See Note #2
ASG2-D


Similar Part No. - ASG2-D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASG2-LJ ABRACON-ASG2-LJ Datasheet
3Mb / 6P
Short lead time
06/03/2016
ASG2-P ABRACON-ASG2-P Datasheet
2Mb / 4P
Short lead time
07.01.14
More results

Similar Description - ASG2-D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5059 FAIRCHILD-FAN5059 Datasheet
206Kb / 18P
High Performance Programmable Synchronous
RC6302 FAIRCHILD-RC6302 Datasheet
28Kb / 7P
High Performance Programmable Synchronous
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
High-Performance EE CMOS Programmable Logic
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
60 Amp High-Performance Programmable ISR
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
ATV2500BQ ATMEL-ATV2500BQ_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
logo
Cypress Semiconductor
CY2941X CYPRESS-CY2941X Datasheet
383Kb / 23P
High-Performance Programmable Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com