Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASG2-D Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASG2-D
Description  Programmable - High Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG2-D Datasheet(HTML) 3 Page - Abracon Corporation

  ASG2-D Datasheet HTML 1Page - Abracon Corporation ASG2-D Datasheet HTML 2Page - Abracon Corporation ASG2-D Datasheet HTML 3Page - Abracon Corporation ASG2-D Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASG2-D
2.5 x 2.0 x 1.0 mm
30332 Esperanza,Rancho SantaMargarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 07.01.14
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS / RoHS II Compliant
ESD Sensitive
OUTLINE DIMENSION:
Programmable - High Performance
SMD XO & VCXO (LVDS Output)
Bottom View
Side View
Top View
Recommended Land Pattern
Pin #
Pin Description
For VCXO configuration
1
Voltage Control for VCXO
2
Output Enable (OE) or
No Connect (N/C)
3
GND
4
RF Output
5
Complimentary Output
6
Vdd
Pin #
Pin Description
For XO configuration
1
Output Enable (OE)
2
No Connect (N/C) for XO
3
GND
4
RF Output
5
Complimentary Output
6
Vdd
Dimensions: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com