Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3132Y Datasheet(PDF) 41 Page - Micronas

Part # VDP3132Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3132Y Datasheet(HTML) 41 Page - Micronas

Back Button VDP3132Y Datasheet HTML 37Page - Micronas VDP3132Y Datasheet HTML 38Page - Micronas VDP3132Y Datasheet HTML 39Page - Micronas VDP3132Y Datasheet HTML 40Page - Micronas VDP3132Y Datasheet HTML 41Page - Micronas VDP3132Y Datasheet HTML 42Page - Micronas VDP3132Y Datasheet HTML 43Page - Micronas VDP3132Y Datasheet HTML 44Page - Micronas VDP3132Y Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
41
Table 2–6: Control Registers of the Fast Processor for control of the video frontend functions
−default values are initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)
Standard Selection
20
Standard select:
bit[2:0]
standard
0
PAL B,G,H,I (50 Hz)
4.433618
1
NTSC M
(60 Hz)
3.579545
2
SECAM
(50 Hz)
4.286
3
NTSC44
(60 Hz)
4.433618
4
PAL M
(60 Hz)
3.575611
5
PAL N
(50 Hz)
3.582056
6
PAL 60
(60 Hz)
4.433618
7
NTSC COMB (60 Hz)
3.579545
bit[3]
0/1
standard modifier
PAL modified to simple PAL
NTSC modified to compensated NTSC
SECAM modified to monochrome 625
NTSCC modified to monochrome 525
bit[4]
reserved (set to 0)
bit[5]
0/1
2-H comb filter off/on
bit[6]
0/1
S-VHS mode off/on
(2-H comb is switched off)
Option bits allow to suppress parts of the initialization, this can be
used for color standard search:
bit[7]
no hpll setup
bit[8]
no vertical setup
bit[9]
no acc setup
bit[10]
2-H comb filter set-up only
bit[11]
status bit, normally write 0. After the FP has
switched to a new standard, this bit is set to 1 to
indicate operation complete. Standard is automati-
cally initialized when the insel register is written.
0STD
PAL
NTSC
SECAM
NTSC44
PALM
PALN
PAL60
NTSCC
SDTMOD
COMB
SVHS
SDTOPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com