Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3132Y Datasheet(PDF) 21 Page - Micronas

Part # VDP3132Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3132Y Datasheet(HTML) 21 Page - Micronas

Back Button VDP3132Y Datasheet HTML 17Page - Micronas VDP3132Y Datasheet HTML 18Page - Micronas VDP3132Y Datasheet HTML 19Page - Micronas VDP3132Y Datasheet HTML 20Page - Micronas VDP3132Y Datasheet HTML 21Page - Micronas VDP3132Y Datasheet HTML 22Page - Micronas VDP3132Y Datasheet HTML 23Page - Micronas VDP3132Y Datasheet HTML 24Page - Micronas VDP3132Y Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
21
2.11.Video Back End
The digital RGB signals are converted to analog RGBs
using three video digital to analog converters (DAC)
with 10-bit resolution. An analog brightness value is
provided by three additional DACs. The adjustment
range is 40 % of the full RGB range.
Controlling the whitedrive/analog brightness and also
the external contrast and brightness adjustments is
done via the Fast Processor, located in the front-end.
Control of the cutoff DACs is via I2C-bus registers.
Finally cutoff and blanking values are added to the
RGB signals. Cutoff (dark current) is provided by three
9-bit DACs. The adjustment range is 60 % of full scale
RGB range.
The analog RGB-outputs are current outputs with cur-
rent-sink characteristics. The maximum current drawn
by the output stage is obtained with peak white RGB.
An external half contrast signal can be used to reduce
the output current of the RGB outputs to 50 %.
2.11.1.CRT Measurement and Control
The display processor is equipped with an 8-bit
PDM-ADC for all measuring purposes. The ADC is
connected to the sense input pin, the input range is 0
to 1.5 V. The bandwidth of the PDM filter can be
selected; it is 40/80 kHz for small/large bandwidth set-
ting. The input impedance is more than 1 M
Ω.
Cutoff and whitedrive current measurement are carried
out during the vertical blanking interval. They always
use the small bandwidth setting. The current range for
the cutoff measurement is set by connecting a sense
resistor to the MADC input. For the whitedrive mea-
surement, the range is set by using another sense
resistor and the range select switch 2 output pin
(RSW2). During the active picture, the minimum and
maximum beam current is measured. The measure-
ment range can be set by using the range select switch
1 pin (RSW1) as shown in Fig. 2–1 and Fig. 2–18. The
timing window of this measurement is programmable.
The intention is to automatically detect letterbox trans-
mission or to measure the actual beam current. All
control loops are closed via the external control micro-
processor.
Fig. 2–1: MADC Range Switches
Fig. 2–18: MADC Measurement Timing
A
D
MADC
beam current
SENSE
RSW1
RSW2
R3
R2
R1
Lines
R1||R2||R3
RSW1=on, RSW2=on
PICTURE MEAS.
PMSO
R1
CB + IBRM
B
cutoff
CR + IBRM + WDRV
⋅WDR
CR + IBRM
CG + IBRM
G
cutoff
R1||R3
R1||R2||R3
RSW1=on, RSW2=on
PICTURE MEAS.
PMST
TML
RSW2
=on
TUBE MEASUREMENT
R
G
B
white
drive
R
black
ultra black
active measure-
ment resistor
cutoff
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com