Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2P4M-D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2P4M-D
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2P4M-D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2P4M-D Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2P4M-D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
isc Thyristors
2P4M-D
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,
RGK=1kΩ,Tj=125℃
100
μ
A
IDRM
Repetitive peak off-state current
VDM=VDRM
,RGK=1kΩ,Tj=125℃
100
μ
A
VTM
On-state voltage
ITM= 4A
2.2
V
IGT
Gate-trigger current
VDM=6V;RL=100Ω
200
μ
A
VGT
Gate-trigger voltage
VDM=6V;RL=100Ω
0.8
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com