Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2P4M-D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2P4M-D
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2P4M-D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2P4M-D Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2P4M-D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
isc Thyristors
2P4M-D
DESCRIPTION
·
The 2P4M is P-gate all diffused plastic molded type SCR
granted average on-state current 2A(TC=77℃)
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Highly sensitive triggering levels
·
Solid state switches etc
·
Automatic gas lighter,battery charger
·
For capacitive discharge ignitions, motor control
in kitchen aids, over voltage crowbar protection
in low power supplies applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak reverse voltage
400
V
IT(AV)
On-state
current
180
°
conduction angle
2
A
ITSM
Non-repetitive
surge
peak
on-state current t= 20ms
20
A
PG(AV)
Average gate power dissipation
Tj = 125℃
0.1
W
Tj
Junction temperature
125
℃
Tstg
Storage temperature
-40 to +
150
℃


Similar Part No. - 2P4M-D

ManufacturerPart #DatasheetDescription
logo
NEC
2P4M NEC-2P4M Datasheet
396Kb / 1P
2A PLASTIC MOLDED THYRISTOR
2P4M NEC-2P4M Datasheet
311Kb / 1P
Opto-Electronic Devices(NEPOC)
2P4M NEC-2P4M Datasheet
396Kb / 6P
2A PLASTIC MOLDED THYRISTOR
logo
Inchange Semiconductor ...
2P4M ISC-2P4M Datasheet
122Kb / 1P
PLASTIC MOLDED THYRISTOR
logo
Tiger Electronic Co.,Lt...
2P4M TGS-2P4M Datasheet
57Kb / 1P
Triacs sensitive gate
More results

Similar Description - 2P4M-D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BCR12PM-14LG ISC-BCR12PM-14LG Datasheet
172Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com