Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3AD53 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 3AD53
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3AD53 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  3AD53 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 3AD53 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistors
3AD53
DESCRIPTION
·
DC Current Gain-
: hFE=20-140@IC= -4A
·
Collector-Emitter Saturation Voltage-
: VCE(sat)= -1.0V(Max)@ IC= -4A
·
APPLICATIONS
·
Designed for general-purpose switching and amplifier
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.75
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-70
V
VCEO
Collector-Emitter Voltage
-24
V
VEBO
Emitter-Base Voltage
-20
V
IC
Collector Current-Continuous
-6
A
PC
Collector Power Dissipation
@TC=55℃
20
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃


Similar Part No. - 3AD53

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3AD55C ISC-3AD55C Datasheet
245Kb / 2P
Silicon PNP Power Transistor
logo
Bivar, Inc.
3AD5V-S BIVAR-3AD5V-S Datasheet
487Kb / 4P
STD PANEL MOUNT INDICATORS W/ WIRES
02/05/08
More results

Similar Description - 3AD53

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com