Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM195K/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM195K/883
Description  Ultra Reliable Power Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM195K/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM195K/883 Datasheet HTML 1Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 2Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 3Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 4Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 5Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 6Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 7Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 8Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Collector to Emitter Voltage
LM195
42V
LM395
36V
Collector to Base Voltage
LM195
42V
LM395
36V
Base to Emitter Voltage (Forward)
LM195
LM395
42V
36V
Base to Emitter Voltage (Reverse)
20V
Collector Current
Internally Limited
Power Dissipation
Internally Limited
Operating Temperature Range
LM195
−55˚C to +150˚C
LM395
0˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Preconditioning
100% Burn-In In Thermal Limit
Electrical Characteristics
(Note 2)
Parameter
Conditions
LM195
LM395
Units
Min
Typ
Max
Min
Typ
Max
Collector-Emitter Operating Voltage
I
Q ≤ IC ≤ IMAX
42
36
V
(Note 4)
Base to Emitter Breakdown Voltage
0
≤ V
CE ≤ VCEMAX
42
36
60
V
Collector Current
TO-3, TO-220
V
CE ≤ 15V
1.2
2.2
1.0
2.2
A
TO-5
V
CE ≤ 7.0V
1.2
1.8
1.0
1.8
A
Saturation Voltage
I
C ≤ 1.0A, TA = 25˚C
1.8
2.0
1.8
2.2
V
Base Current
0
≤ I
C ≤ IMAX
3.0
5.0
3.0
10
µA
0
≤ V
CE ≤ VCEMAX
Quiescent Current (I
Q)Vbe = 0
2.0
5.0
2.0
10
mA
0
≤ V
CE ≤ VCEMAX
Base to Emitter Voltage
I
C = 1.0A, TA = +25˚C
0.9
0.9
V
Switching Time
V
CE = 36V, RL = 36Ω,
500
500
ns
T
A = 25˚C
Thermal Resistance Junction to
TO-3 Package (K)
2.3
3.0
2.3
3.0
˚C/W
Case (Note 3)
TO-5 Package (H)
12
15
12
15
˚C/W
TO-220 Package (T)
4
6
˚C/W
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise specified, these specifications apply for −55˚C
≤ Tj ≤ +150˚C for the LM195 and 0˚C ≤ +125˚C for the LM395.
Note 3: Without a heat sink, the thermal resistance of the TO-5 package is about +150˚C/W, while that of the TO-3 package is +35˚C/W.
Note 4: Selected devices with higher breakdown available.
Note 5: Refer to RETS195H and RETS195K drawings of military LM195H and LM195K versions for specifications.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com