Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM195K/883 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM195K/883
Description  Ultra Reliable Power Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM195K/883 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM195K/883 Datasheet HTML 5Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 6Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 7Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 8Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 9Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 10Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 11Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 12Page - National Semiconductor (TI) LM195K/883 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Typical Applications (Continued)
Low Level Power Switch
DS006009-26
Turn ON = 350 mV
Turn OFF = 200 mV
Power One-Shot
DS006009-27
T = R1C
R2 = 3R1
R2
≤ 82k
Emitter Follower
DS006009-28
*Need for Stability
High Input Impedance AC Emitter Follower
DS006009-29
Fast Follower
DS006009-30
*Prevents storage with fast fall time square wave drive
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com