Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM196K Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM196K
Description  LM196/LM396 10 Amp Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM196K Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM196K Datasheet HTML 1Page - National Semiconductor (TI) LM196K Datasheet HTML 2Page - National Semiconductor (TI) LM196K Datasheet HTML 3Page - National Semiconductor (TI) LM196K Datasheet HTML 4Page - National Semiconductor (TI) LM196K Datasheet HTML 5Page - National Semiconductor (TI) LM196K Datasheet HTML 6Page - National Semiconductor (TI) LM196K Datasheet HTML 7Page - National Semiconductor (TI) LM196K Datasheet HTML 8Page - National Semiconductor (TI) LM196K Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Application Hints (Continued)
The actual heat sink chosen for the LM196 will be deter-
mined by the worst-case continuous full load current input
voltage and maximum ambient temperature Overload or
short circuit output conditions do not normally have to be
considered when selecting a heat sink because the thermal
shutdown built into the LM196 will protect it under these
conditions An exception to this is in situations where the
regulator must recover very quickly from overload The
LM196 may take some time to recover to within specified
output tolerance following an extended overload if the regu-
lator is cooling from thermal shutdown temperature (approx-
imately 175 ) to specified operating temperature (125 Cor
150 C) The procedure for heat sink selection is as follows
Calculate worst-case
continuous average power dissipa-
tion in the regulator from P e (VIN b VOUT) c (IOUT) To
do this you must know the raw power supply voltagecur-
rent characteristics fairly accurately For example consid-
er a 10V output with 15V nominal input voltage At full
load of 10A the regulator will dissipate P e (15 b 10) c
(10) e 50W If input voltage rises by 10% power dissipa-
tion will increase to (165 b 10) c (10) e 65W a
30%
increase It is strongly suggested that a raw supply be
assembled and tested to determine its average DC output
voltage
under full load with maximum line voltage Donot
over-design by using unloaded voltage as a worst-case
since the regulator will not be dissipating any power under
no load conditions Worst-case regulator dissipation nor-
mally occurs under full load conditions except when the
effective DC resistance of the raw supply (DV DI) is larg-
er than (VIN b VOUT)2IfL where VIN is the lightly-load-
ed raw supply voltage and IfL is full load current For (VIN
b
VOUT) e 5V b 8V and IfL e 5A–10A this gives a
resistance of 025X to 08X If raw supply resistance is
higher than this the regulator power dissipation may be
less at full load current then at some intermediate cur-
rent due to the large drop in input voltage Fortunately
most well designed raw supplies have low enough output
resistance that regulator dissipation does maximize at full
load current or very close to it so tedious testing is not
usually required to find worst-case power dissipation
A very important consideration is the size of the filter capac-
itor in the raw supply At these high current levels capacitor
size is usually dictated by ripple current ratings rather than
just obtaining a certain ripple voltage Capacitor ripple cur-
rent (rms) is 2 – 3 times the DC output current of the filter If
the capacitor has just 005X DC resistance this can cause
30W internal power dissipation at 10A output current Ca-
pacitor life is very sensitive to operating temperature de-
creasing by a factor of two for each 15 C rise in internal
temperature Since capacitor life is not all that great to start
with it is obvious that a small capacitor with a large internal
temperature rise is inviting very short mean-time-to-failure
A second consideration is the loss of usable input voltage to
the regulator If the capacitor is small the large dips in the
input voltage may cause the LM196 to drop out of regula-
tion 2000 mF per ampere of load current is the
minimum
recommended value yielding about 2 Vp-p ripple of 120 Hz
Larger values will have longer life and the reduced ripple will
allow lower DC input voltage to the regulator with subse-
quent cost savings in the transformer and heat sink Some-
times several capacitors in parallel are better to decrease
series resistance and increase heat dissipating area
After the raw supply characteristics have been determined
and worst-case power dissipation in the LM196 is known
the heat sink thermal resistance can be found from the
graphs titled Maximum Heat Sink Thermal Resistance
These curves indicate the minimim size heat sink required
as a function of ambient temperature They are derived from
a case-to-control area thermal resistance of 05 CW and a
case-to-power transistor thermal resistance of 12 CW
02 CW is assumed for interface resistance A maximum
control area temperature of 150 C is used for the LM196
and 125 C for the LM396 Maximum power transistor tem-
perature is 200 C for the LM196 and 175 C for the LM396
For conservative designs it is suggested that when using
these curves you assume an ambient temperature 25 C–
50 C higher than is actually anticipated to avoid running the
regulator right at its design limits of operating temperature
A quick look at the curves show that heat sink resistance
(iSA) will normally fall into the range of 02 CW–15 CW
These are
not small heat sinks A model 441 for instance
which is sold by several manufacturers has a iSA of
06 CW with natural convection and is about five inches on
a side Smaller sinks are more volumetrically efficient and
larger sinks less so A rough formula for estimating the vol-
ume of heat sink required is V e 50 iSA15 CU IN This
holds for natural convection only If the heat sink is inside a
small sealed enclosure iSA will increase substantially be-
cause the air is not free to form natural convection currents
Fan-forced convection can reduce iSA by a factor of two at
200 FPM air velocity and by four at 1000 FPM
Ripple Rejection
Ripple rejection at the normal ripple frequency of 120 Hz is
a function of both electrical and thermal effects in the
LM196 If the adjustment pin is not bypassed with a capaci-
tor it is also dependent on output voltage A 25 mF capaci-
tor from the adjustment pin to ground will make ripple rejec-
tion independent of output voltage for frequencies above
100 Hz If lower ripple frequencies are encountered the ca-
pacitor should be increased proportionally
To keep in mind that the bypass capacitor on the adjust-
ment pin will limit the turn-on time of the regulator A 25 mF
capacitor combined with the output divider resistance will
give an extended output voltage settling time following the
application of input power
Load Regulation (LM196LM396)
Because the LM196 is a three-terminal device it is not pos-
sible to provide true remote load sensing Load regulation
will be limited by the resistance of the output pin and the
wire connecting the regulator to the load For the data sheet
specification regulation is measured 14
from the bottom
of the package on the output pin Negative side sensing is a
true Kelvin connection with the bottom of the output divider
returned to the negative side of the load
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com