Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM196K Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM196K
Description  LM196/LM396 10 Amp Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM196K Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM196K Datasheet HTML 1Page - National Semiconductor (TI) LM196K Datasheet HTML 2Page - National Semiconductor (TI) LM196K Datasheet HTML 3Page - National Semiconductor (TI) LM196K Datasheet HTML 4Page - National Semiconductor (TI) LM196K Datasheet HTML 5Page - National Semiconductor (TI) LM196K Datasheet HTML 6Page - National Semiconductor (TI) LM196K Datasheet HTML 7Page - National Semiconductor (TI) LM196K Datasheet HTML 8Page - National Semiconductor (TI) LM196K Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Power Dissipation
Internally Limited
Input-Output Voltage Differential
20V
Operating Junction Temperature Range
LM196 Control Section
b
55 Cto a150 C
Power Transistor
b
55 Cto a200 C
LM396 Control Section
0 Cto a125 C
Power Transistor
0 Cto a175 C
Storage Temperature
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
300 C
ESD rating to be determined
Electrical Characteristics (Note 1)
Parameter
Conditions
LM196
LM396
Units
Min
Typ
Max
Min
Typ
Max
Reference Voltage
IOUT e 10 mA
124
125
126
123
125
127
V
Reference Voltage
VMIN s (VIN b VOUT) s 20V
122
125
128
121
125
129
V
(Note 2)
10 mA s IOUT 10A P s PMAX
Full Temperature Range
Line Regulation
VMIN s (VIN b VOUT) s 20V
0005
001
0005
002
%V
(Note 3)
Full Temperature Range
005
005
%V
Load Regulation
10 mA s IOUT s 10A
01
01
%A
LM196LM396
VMIN s VIN b VOUT s 10V P s PMAX
(Note 4)
Full Temperature Range
015
015
%A
Ripple Rejection
CADJ e 25 mF f e 120 Hz
60
74
66
74
dB
(Note 5)
Full Temperature Range
54
54
dB
Thermal Regulation
VIN b VOUT e 5V IOUT e 10A
0003
0005
0003
0015
%W
(Note 6)
Average Output Voltage
TjMIN s Tj s TjMAX
0003
0003
% C
Temperature Coefficient
(See Curves for Limits)
Adjustment Pin Current
50
100
50
100
m
A
Adjustment Pin Current
10 mA s IOUT s 10A
3
3
m
A
Change (Note 7)
3V s VIN b VOUT s 20V
P s PMAX Full Temperature Range
Minimum Load Current
25V s (VIN b VOUT) s 20V
10
10
mA
(Note 9)
Full Temperature Range
Current Limit
25 s (VIN b VOUT s 7V
10
14
20
10
14
20
A
(Note 8)
VIN b VOUT e 20V
15
3
8
15
3
8
A
Rms Output Noise
10 Hz s f s 10 kHz
0001
0001
%VOUT
Long Term Stability
Tj e 125 C t e 1000 Hours
03
10
03
10
%
Thermal Resistance
Control Circuitry
03
05
03
05
CW
Junction to Case
Power Transistor
10
12
10
12
CW
(Note 10)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com