Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1971 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1971
Description  LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1971 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1971 Datasheet HTML 3Page - National Semiconductor (TI) LM1971 Datasheet HTML 4Page - National Semiconductor (TI) LM1971 Datasheet HTML 5Page - National Semiconductor (TI) LM1971 Datasheet HTML 6Page - National Semiconductor (TI) LM1971 Datasheet HTML 7Page - National Semiconductor (TI) LM1971 Datasheet HTML 8Page - National Semiconductor (TI) LM1971 Datasheet HTML 9Page - National Semiconductor (TI) LM1971 Datasheet HTML 10Page - National Semiconductor (TI) LM1971 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Information (Continued)
µPOT LADDER ARCHITECTURE
The µPot contains a chain of R1/R2 resistor dividers in a lad-
der form, as shown in
Figure 4. Each R1 is actually a series
of 8 resistors, with a CMOS switch that taps into the resistor
chain according to the attenuation level chosen. For any
given attenuation setting, there is only one CMOS switch
closed (no paralleling of ladders). The input impedance
therefore remains constant, while the output impedance
changes as the attenuation level changes. It is important to
note that the architecture is a series of resistor dividers, and
not a straight, tapped resistor, so the µPot is not a variable
resistor; it is a variable voltage divider.
ATTENUATION STEP SCHEME
The fundamental attenuation step scheme for the LM1971 is
shown in
Figure 5. It is also possible to obtain any integer
value attenuation step through programming, in addition to
the 2 dB and 4 dB steps shown in
Figure 5. All higher attenu-
ation step schemes can have clickless and popless perfor-
mance. Although it is possible to “skip” attenuation points by
not sending all of the data, clickless and popless perfor-
mance will suffer. It is highly recommended that all of the
data points should be sent for each attenuation level. This
ensures flawless operation and performance when making
steps larger than 1 dB.
INPUT IMPEDANCE
The input impedance of a µPot is constant at a nominal
40 k
Ω. Since the LM1971 is a single-supply operating de-
vice, it is necessary to have both input and output coupling
caps as shown in
Figure 1. To ensure full low-frequency re-
sponse,a1µF coupling cap should be used.
OUTPUT IMPEDANCE
The output impedance of a µPot varies typically between
25 k
Ω and 35 kΩ and changes nonlinearly with step
changes. Since a µPot is made up of a resistor ladder net-
work with logarithmic attenuation, the output impedance is
nonlinear. Due to this configuration, a µPot cannot be con-
sidered as a linear potentiometer; it is a logarithmic attenua-
tor.
The linearity of a µPot cannot be measured directly without a
buffer because the input impedance of most measurement
systems is not high enough to provide the required accuracy.
The lower impedance of the measurement system would
load down the output and an incorrect reading would result.
To prevent loading, a JFET input op amp should be used as
the buffer/amplifier.
OUTPUT BUFFERING
There are two performance issues to be aware of that are re-
lated to a µPot’s output stage. The first concern is to prevent
audible clicks with attenuation changes, while the second is
to prevent loading and subsequent linearity errors. The out-
put stage of a µPot needs to be buffered with a low input bias
DS012353-4
FIGURE 3. Serial Data Format Transfer Process
DS012353-5
FIGURE 4. Resistor Ladder Architecture
LM 1971 Channel Attenuation
vs Digital Step Value
(1 dB, 2 dB, and 4 dB Steps)
DS012353-6
FIGURE 5. LM1971 Attenuation Step Scheme
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com