Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1971 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1971
Description  LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1971 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1971 Datasheet HTML 1Page - National Semiconductor (TI) LM1971 Datasheet HTML 2Page - National Semiconductor (TI) LM1971 Datasheet HTML 3Page - National Semiconductor (TI) LM1971 Datasheet HTML 4Page - National Semiconductor (TI) LM1971 Datasheet HTML 5Page - National Semiconductor (TI) LM1971 Datasheet HTML 6Page - National Semiconductor (TI) LM1971 Datasheet HTML 7Page - National Semiconductor (TI) LM1971 Datasheet HTML 8Page - National Semiconductor (TI) LM1971 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM1971
Overture™ Audio Attenuator Series
Digitally Controlled 62 dB Audio Attenuator with/Mute
General Description
The LM1971 is a digitally controlled single channel audio at-
tenuator fabricated on a CMOS process. Attenuation is vari-
able in 1 dB steps from 0 dB to −62 dB. A mute function dis-
connects the input from the output, providing over 100 dB of
attenuation.
The performance of the device is exhibited by its ability to
change attenuation levels without audible clicks or pops. In
addition, the LM1971 features a low Total Harmonic Distor-
tion (THD) of 0.0008%, and a Dynamic Range of 115 dB,
making it suitable for digital audio needs. The LM1971 is
available in both 8-pin plastic DIP or SO packages.
The LM1971 is controlled by a TTL/CMOS compatible 3-wire
serial digital interface. The active low LOAD line enables the
data input registers while the CLOCK line provides system
timing. Its DATA pin receives serial data on the rising edge of
each CLOCK pulse, allowing the desired attenuation setting
to be selected.
Key Specifications
n Total harmonic distortion
0.0008% (typ)
n Frequency response
> 200 kHz (−3 dB) (typ)
n Attenuation range (excluding mute)
62 dB (typ)
n Dynamic range
115 dB (typ)
n Mute attenuation
102 dB (typ)
Features
n 3-wire serial interface
n Mute function
n Click and pop free attenuation changes
n 8-pin plastic DIP and SO packages available
Applications
n Communication systems
n Cellular Phones and Pagers
n Personal computer audio control
n Electronic music (MIDI)
n Sound reinforcement systems
n Audio mixing automation
Typical Application
Overture™ is a trademark of National Semiconductor Corporation.
DS012353-1
FIGURE 1. Typical Audio Attenuator Application Circuit
May 1999
© 1999 National Semiconductor Corporation
DS012353
www.national.com


Similar Part No. - LM1971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1971 TI-LM1971 Datasheet
939Kb / 19P
LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1971 TI1-LM1971 Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1971 TI2-LM1971 Datasheet
669Kb / 22P
LM1971 Overture™ Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
REVISED APRIL 2013
LM1971M TI-LM1971M Datasheet
939Kb / 19P
LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1971M TI1-LM1971M Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
More results

Similar Description - LM1971

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM1971MX TI-LM1971MX Datasheet
939Kb / 19P
LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com