Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2000D4 Datasheet HTML 9Page - Texas Instruments TPA2000D4 Datasheet HTML 10Page - Texas Instruments TPA2000D4 Datasheet HTML 11Page - Texas Instruments TPA2000D4 Datasheet HTML 12Page - Texas Instruments TPA2000D4 Datasheet HTML 13Page - Texas Instruments TPA2000D4 Datasheet HTML 14Page - Texas Instruments TPA2000D4 Datasheet HTML 15Page - Texas Instruments TPA2000D4 Datasheet HTML 16Page - Texas Instruments TPA2000D4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
–70
–80
10
0
20
50
100 200
500
1 k
–50
–30
–10
2 k
5 k 10 k 20 k
f – Frequency – Hz
HEADPHONE
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
20
30
–60
–40
–20
VDD = 5 V,
AV = 0 dB,
VO = 1 VRMS,
RL = 10 kΩ
CB = 1 µF
CB = 0.1 µF
CB = 2.5 V
Figure 22
0.1
0.01
0.002
0.001
20
50
100 200
500
1 k
0.5
1
10
2 k
5 k 10 k 20 k
f – Frequency – Hz
HEADPHONE
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
VDD = 5 V,
RL = 10 kΩ,
VO = 1 VRMS
0.005
0.02
0.05
0.2
5
AV = 20 dB
AV = 6 dB
AV = 0 dB
0.0005
Figure 23
HEADPHONE
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT VOLTAGE
VDD = 5 V,
RL = 10 kΩ,
AV = 0 dB
0.1m
0.2m
0.4m 0.6m 0.8m 1
2
VO – Output Voltage – V
0.1
0.01
0.002
0.001
0.5
1
10
0.005
0.02
0.05
0.2
5
f = 100 Hz
f = 1 kHz
f = 20 kHz
0.0005
Figure 24
VDD = 5 V,
VO = 1 VRMS,
RL = 10 kΩ,
AV = 0 dB
–70
–100
–110
–120
20
50
100 200
500
1 k
–60
–40
f – Frequency – Hz
HEADPHONE
CROSSTALK
vs
FREQUENCY
–20
2 k
5 k 10 k 20 k
–90
–80
–50
–30
Right to Left
Left to Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com