Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA2000D4 Datasheet HTML 16Page - Texas Instruments TPA2000D4 Datasheet HTML 17Page - Texas Instruments TPA2000D4 Datasheet HTML 18Page - Texas Instruments TPA2000D4 Datasheet HTML 19Page - Texas Instruments TPA2000D4 Datasheet HTML 20Page - Texas Instruments TPA2000D4 Datasheet HTML 21Page - Texas Instruments TPA2000D4 Datasheet HTML 22Page - Texas Instruments TPA2000D4 Datasheet HTML 23Page - Texas Instruments TPA2000D4 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output coupling capacitor, CC for HP amplifier
In the typical single-supply single-ended (SE) configuration, an output coupling capacitor (CC) is required to
block the dc bias at the output of the amplifier, thus preventing dc currents in the load. As with the input coupling
capacitor, the output coupling capacitor and impedance of the load form a high-pass filter governed by
equation 14.
(14)
fc +
1
2
pR
L CC
The main disadvantage, from a performance standpoint, is that the typically small load impedances drive the
low-frequency corner higher. Large values of CC are required to pass low frequencies into the load. Consider
the example where a CC of 68 µF is chosen and loads vary from 32 Ω to 47 kΩ. Table 3 summarizes the
frequency response characteristics of each configuration.
Table 3. Common Load Impedances vs Low Frequency Output Characteristics in SE Mode
RL
CC
Lowest Frequency
32
Ω
68
µF
73 Hz
10,000
Ω
68
µF
0.23 Hz
47,000
Ω
68
µF
0.05 Hz
As Table 3 indicates, headphone response is adequate and drive into line level inputs (a home stereo for
example) is very good.
The output coupling capacitor required in single-supply SE mode also places additional constraints on the
selection of other components in the amplifier circuit. With the rules described earlier still valid, add the following
relationship:
(15)
1
C
B
55 k
Ω
v
1
C
I RI
1
R
LCC
power supply decoupling, CS
The TPA2000D4 is a high-performance CMOS audio amplifier that requires adequate power supply decoupling
to ensure the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also
prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling is
achieved by using two capacitors of different types that target different types of noise on the power supply leads.
For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance
(ESR) ceramic capacitor, typically 0.1
µF, placed as close as possible to the device VDD lead works best. For
filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10
µF or greater, placed near
the audio power amplifier is recommended.
midrail bypass capacitor, CBYP
The midrail bypass capacitor, CBYP, is the most critical capacitor and serves several important functions. During
start-up or recovery from shutdown mode, CBYP determines the rate at which the amplifier starts up. The second
function is to reduce noise produced by the power supply caused by coupling into the output drive signal. This
noise is from the midrail generation circuit internal to the amplifier, which appears as degraded PSRR and
THD+N.
Bypass capacitor (CBYP) values of 0.47-µF to 1-µF ceramic or tantalum, low-ESR capacitors are recommended
for the best THD and noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com