Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV596 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TPV596
Description  SILICON N-CHANNEL RF POWER MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TPV596 Datasheet(HTML) 1 Page - Advanced Semiconductor

  TPV596 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 20 mA
24
V
BVCBO
IC = 1.0 mA
45
V
BVCER
IC = 20 mA
RBE = 10
Ω
50
V
BVEBO
IE = 0.25 mA
3.5
V
ICBO
VCB = 28 V
0.45
mA
hFE
IC = 100 mA
VCE = 5.0 V
15
120
---
COB
VCB = 28 V
f = 1.0 MHz
5.0
pF
PG
VCE = 20 V
IE = 0.22 A
f = 860 MHz
11.5
12
dB
SILICON N-CHANNEL RF POWER MOSFET
TPV596
DESCRIPTION:
The
TPV596 is Designed for Common
Source Push Pull RF Power
Applications up to 400 MHz.
FEATURES:
• P
G = 12 dB min. at 0.5 W/ 860 MHz
• Common Emitter
• Omnigold™ Metallization System
MAXIMUM RATINGS
IC
0.7 A
VCE
24 V
TJ
-65
°C to +200 °C
TSTG
-65
°C to +150 °C
PDISS
8.75 W @ TC = 25
OC
PACKAGE STYLE 280 4L STUD
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER


Similar Part No. - TPV596

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TPV596 MOTOROLA-TPV596 Datasheet
94Kb / 4P
UHF LINEAR POWER TRANSISTOR
TPV596A MOTOROLA-TPV596A Datasheet
94Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
Advanced Semiconductor
TPV596A ASI-TPV596A Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results

Similar Description - TPV596

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
MRF161 ASI-MRF161 Datasheet
16Kb / 1P
SILICON N-CHANNEL RF POWER MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com