Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS106 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # CS106
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS106 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  CS106 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 5
MCOTS-F-270-P-QT
Current: 4A
1
TOP VIEW
1
2
3
4
5
6
PIN EXTENSION
0.180
[4.57]
BOTTOMSIDE CLEARANCE
0.005
[0.13]
SEATING PLANE HEIGHT
0.500±0.025
[12.7±0.63 ]
1.536 [39.01]
1.030 [26.16]
2.386
[60.60]
1.860
[47.24]
THREADED INSERT
(4 PLCS)
0.215±0.020
5.46±0.50
[
]
0.08
[2.0]
0.004 [0.10]
0.300 [7.62]
0.600 [15.24]
2.000
[50.80]
PIN DESIGNATIONS
Encased Mechanical Diagram
NOTES
1) M3 SCREWS USED TO BOLT UNIT'S BASEPLATE TO OTHER SURFACES
SUCH AS HEATSINK MUST NOT EXCEED 0.100" (2.54mm) DEPTH BELOW
THE SURFACE OF THE BASEPLATE.
2) APPLIED TORQUE PER SCREW SHOULD NOT EXCEED 6in-lb (0.7Nm).
3) PINS 1-3 & 5 ARE 0.040" (1.02mm) DIA. WITH 0.080"
(2.03mm) DIA. STANDOFF SHOULDERS
4) PINS 4 & 6 ARE 0.062" (1.57mm) DIA. WITH 0.100"
(2.54mm) DIA STANDOFF SHOULDERS.
5) ALL PINS: MATERIAL: COPPER ALLOY
FINISH: MATTE TIN OVER NICKEL PLATE
6) UNDIMENSIONED COMPONENTS ARE SHOWN FOR VISUAL
REFERENCE ONLY
7) WEIGHT 3.0 oz. (85g)
8) ALL DIMENSIONS IN INCHES(mm)
9) TOLERANCES: X.XXIN +/-0.02 (X.Xmm +/-0.5mm)
X.XXXIN +/-0.010 (X.XXmm +/-0.25mm)
Pin
Name
Function
1
Vin (+)
Positive input voltage
2
COM IN
Input-side common-mode
3
Vin (-)
Negative input voltage
4
Vout (-)
Negative output voltage
5
COM OUT
Output-side common-mode
6
Vout (+)
Positive output voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com