Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS106 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # CS106
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS106 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  CS106 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 4
MCOTS-F-270-P-QT
Current: 4A
-300
-250
-200
-150
-100
-50
0
50
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
Common Mode Attenuation
Differential Mode Attenuation
LISN
LISN
Source
50Ω
50Ω
Vin(+)
Vin(-)
Vout(-)
Inoise
Imeas
Vout(+)
EMI Filter
Com In
Com Out
LISN
LISN
Source
50Ω
50Ω
EMI Filter
Vin(+)
Com In
Vin(-)
Vout(-)
Com Out
Inoise
Imeas
Vout(+)
Basic Operation and Features
This module is a multi-stage differential-mode and common-mode passive
EMI filter designed to interface a power source with one or more Mil-COTS
dc-dc converters (or other loads that create EMI). Each stage of this filter
is well damped to avoid resonances and oscillations, and only X7R multi-
layer ceramic capacitors are used. This Mil-COTS EMI filter includes a large
bulk capacitor with a series damping resistor to correct for the unstabilizing
effect of a converter’s negative input resistance. A white paper discussing
this negative input resistance and the need for corrective damping can
be found on the SynQor website (see Input System Instability application
note).
A typical application would place the Mil-COTS filter close to the input of
the dc-dc converter. The input-side common-mode pin would be connected
to the chassis ground that is common with the system input line filter or
other earthed point used for EMI measurement. The output-side common-
mode pin would be connected to the output ground or plane of the
power converters with as low inductance a path as possible. There are no
connections to the metal baseplate, which may also be connected to the
chassis ground if desired.
Do not connect the outputs of multiple Mil-COTS filters in parallel.
Connecting filters in this manner may result in slightly unequal currents to
flow in the positive and return paths of each filter. These unequal currents
may cause the internal common-mode chokes to saturate and thus cause
degraded common-mode rejection performance.
Figure A: Simulation of calculated common mode and differential mode
attenuation. The curves plot the ratio of noise current in a 50Ω LISN sensing
port connected to the noise output side of the filter (the power input side, pins 1
and 3) to the noise current on the input side (the power output side, pins 4 and
6). Refer to Figures B and C.
Figure B: Differential-Mode Current Attenuation, Imeas / Inoise
Figure C: Common-Mode Current Attenuation, Imeas / Inoise



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com