Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS85 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS85
Description  PRESSURE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS85 Datasheet(HTML) 2 Page - Copal Electronics

  PS85 Datasheet HTML 1Page - Copal Electronics PS85 Datasheet HTML 2Page - Copal Electronics PS85 Datasheet HTML 3Page - Copal Electronics PS85 Datasheet HTML 4Page - Copal Electronics PS85 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pressure reference
Gauge
Absolute
− 100 ~ 100
− 100 ~ 350
− 100 ~ 1000
0 ~ 100 (abs)
kPa
Rated pressure range
Fitting
R2
(R 1/4)
NPN (Upper and upper limit mode)
NPN (Upper and lower limit mode)
PNP (Upper and upper limit mode)
PNP (Upper and lower limit mode)
NPN (Upper and upper limit mode)
NPN (Upper and lower limit mode)
PNP (Upper and upper limit mode)
PNP (Upper and lower limit mode)
NPN (Upper and upper limit mode)
NPN (Upper and lower limit mode)
PNP (Upper and upper limit mode)
PNP (Upper and lower limit mode)
GF
(G 3/8)
G2
(G 1/4)
■ LIST OF MODEL NUMBERS
PS85-102R-N1R2
PS85-352R-N1R2
PS85-103R-N1R2
PS85-102A-N1R2
PS85-102R-N2R2
PS85-352R-N2R2
PS85-103R-N2R2
PS85-102A-N2R2
PS85-102R-P1R2
PS85-352R-P1R2
PS85-103R-P1R2
PS85-102A-P1R2
PS85-102R-P2R2
PS85-352R-P2R2
PS85-103R-P2R2
PS85-102A-P2R2
PS85-102R-N1GF
PS85-352R-N1GF
PS85-103R-N1GF
PS85-102A-N1GF
PS85-102R-N2GF
PS85-352R-N2GF
PS85-103R-N2GF
PS85-102A-N2GF
PS85-102R-P1GF
PS85-352R-P1GF
PS85-103R-P1GF
PS85-102A-P1GF
PS85-102R-P2GF
PS85-352R-P2GF
PS85-103R-P2GF
PS85-102A-P2GF
PS85-102R-N1G2
PS85-352R-N1G2
PS85-103R-N1G2
PS85-102A-N1G2
PS85-102R-N2G2
PS85-352R-N2G2
PS85-103R-N2G2
PS85-102A-N2G2
PS85-102R-P1G2
PS85-352R-P1G2
PS85-103R-P1G2
PS85-102A-P1G2
PS85-102R-P2G2
PS85-352R-P2G2
PS85-103R-P2G2
PS85-102A-P2G2
Switch output
※ Verify the above model numbers when placing orders.
PS85
PRESSURE SWITCHES
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
Insulation resistance
Model number
PS85
102R
352R
103R
102A
Gauge
Absolute
− 100 ~ 100
− 100 ~ 350
− 100 ~ 1000
100 (abs)
200
700
2000
200 (abs)
300
1050
3000
300 (abs)
Corrosive gases/liquids compatible with SUS 316L
100 (500 V DC)
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 80(Atmospheric pressure, humidity 65 %RH maximum)
− 20 ~ 80
kPa
kPa
kPa
°C
°C
%RH
°C
M
Ω
minimum
O Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com