Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS85 Datasheet(PDF) 5 Page - Copal Electronics

Part # PS85
Description  PRESSURE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS85 Datasheet(HTML) 5 Page - Copal Electronics

  PS85 Datasheet HTML 1Page - Copal Electronics PS85 Datasheet HTML 2Page - Copal Electronics PS85 Datasheet HTML 3Page - Copal Electronics PS85 Datasheet HTML 4Page - Copal Electronics PS85 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shield
Pressure
Load
S.Output1
Main circuit
Power
B
Sensor
Common
S.Output2
Load
2
LED Indicator
1
Shield
2
LED Indicator
1
Common
S.Output2
Power
B
Load
Load
Pressure
Main circuit
Sensor
S.Output1
OFF
Hysteresis
Hysteresis
Switch 2
Switch 1
–100 kPa
108 kPa
Absolute vacuum
Rated pressure
ON
OFF
ON
OFF
ON
Hysteresis
Switch 2
Switch 1
OFF
ON
OFF
Hysteresis
Hysteresis
Switch 2
Switch 1
Absolute vacuum
108 kPa
ON
OFF
ON
Hysteresis
Switch 2
Switch 1
OFF
ON
Hysteresis
Hysteresis
Rated pressure
–100 kPa
OFF
ON
PS85
PRESSURE SWITCHES
■ INTERNAL ELECTRICAL SCHEMATICS
■ SWITCH OUTPUT SCHEMATICS
O PS85- *** R- * 1 **
O PS85-102A- * 1 **
O PS85- *** R- * 2 **
O NPN
O PNP
O PS85-102A- * 2 **
※ 2 switches show same performance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com