Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS86-503P-B-R2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS86-503P-B-R2
Description  PRESSURE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS86-503P-B-R2 Datasheet(HTML) 2 Page - Copal Electronics

  PS86-503P-B-R2 Datasheet HTML 1Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 2Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 3Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 4Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PS86/PS87
PRESSURE SWITCHES
Pressure reference
Gauge
0 ~ 3.5
0 ~ 5
0 ~ 10
0 ~ 20
0 ~ 35
MPa
Rated pressure range
Pressure
medium
Fitting
Hydraulic
oil
R2
(R 1/4)
G3
(G 3/8)
Gases/
Liquids
R2
(R 1/4)
Non-provided
Provided
Non-provided
Provided
Non-provided
Provided
■ LIST OF MODEL NUMBERS
PS86-503P-B-R2
PS86-104P-B-R2
PS86-204P-B-R2
PS86-354P-B-R2
PS86-503P-H-R2
PS86-104P-H-R2
PS86-204P-H-R2
PS86-354P-H-R2
PS86-503P-B-G3
PS86-104P-B-G3
PS86-204P-B-G3
PS86-354P-B-G3
PS86-503P-H-G3
PS86-104P-H-G3
PS86-204P-H-G3
PS86-354P-H-G3
PS87-353P-B-R2
PS87-503P-B-R2
PS87-353P-H-R2
PS87-503P-H-R2
Drip-proof cover
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
※2
Insulation resistance
Dielectric strength
Pressure port
Net weight
Protection grade
Model number
PS86
PS87
503P
104P
204P
354P
353P
503P
Gauge ※1
5
10
20
35
3.5
5
10
20
40
52.5
7
10
Hydraulic oil
Corrosive gases/liquids compatible
with Hastelloy C-22 and SUS 316
Approx. 170
Approx. 190
Without drip-proof cover
:IP-54, With drip-proof cover:IP-65
100 (500 V DC)
350 V AC, 60 s(Leakage current 0.5 mA maximum)
R 1/4、G 3/8
R 1/4
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 90(Atmospheric pressure, humidity 65 %RH maximum)
− 10 ~ 75
MPa
MPa
°C
°C
%RH
°C
M
Ω
minimum
g
:Not available
※ Verify the above model numbers when placing orders.
※1 The transducer measures gauge pressure using an absolute pressure sensing element.
※2 Hydraulic oil is used as a measurement medium at the time of delivery inspection.
O Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com