Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS86-503P-B-R2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS86-503P-B-R2
Description  PRESSURE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS86-503P-B-R2 Datasheet(HTML) 3 Page - Copal Electronics

  PS86-503P-B-R2 Datasheet HTML 1Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 2Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 3Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 4Page - Copal Electronics PS86-503P-B-R2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
※ Adjustable hysteresis
Consumption current
No. of outputs
Output interface
Setting method
Adjustable range
Display
Hysteresis
Switching capacity
Residual voltage
Response
Open collector output which insulated a photo-coupler
Adjustable by VR
5 ~ 105 % of rated pressure range
Red LED ON
± 3
15 mA
1
Approx. 1 ~ 10 % of setting range
35 V DC 100 mA
1.2
Approx. 20
Approx. 2
%F.S.
Accuracy
0 ∼ 50 °C(Reference temp.: 25 °C)
%F.S.
V
maximum
ms
Item
Model number
PS86
PS87
503P
104P
204P
354P
353P
503P
Supply voltage
12 ~ 24 V
± 10 %
maximum
■ INTERNAL ELECTRICAL SCHEMATICS
S.Output1
C
LED Indicator
Common
Sensor
Power
B
Main circuit
S.Output1
B
Pressure
PS86/PS87
PRESSURE SWITCHES
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
106 cycles
Rated pressure range
40 °C, 90 ~ 95 %RH, 240 hrs.
Switch output setting:
± 3 %F.S. maximum
Shock
Pressure cycling
Moisture resistance
■ SWITCH OUTPUT SCHEMATICS
O PS86/87- *** P
Hysteresis
Set value
105 % of rated pressure
5 % of rated pressure
OFF
ON



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com