Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840011 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS840011
Description  FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840011 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS840011 Datasheet HTML 1Page - Integrated Circuit Systems ICS840011 Datasheet HTML 2Page - Integrated Circuit Systems ICS840011 Datasheet HTML 3Page - Integrated Circuit Systems ICS840011 Datasheet HTML 4Page - Integrated Circuit Systems ICS840011 Datasheet HTML 5Page - Integrated Circuit Systems ICS840011 Datasheet HTML 6Page - Integrated Circuit Systems ICS840011 Datasheet HTML 7Page - Integrated Circuit Systems ICS840011 Datasheet HTML 8Page - Integrated Circuit Systems ICS840011 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
840011AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 15, 2004
4
Integrated
Circuit
Systems, Inc.
ICS840011
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
TYPICAL PHASE NOISE AT 106.25MHZ
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
100
1k
10k
100k
1M
10M
100M
106.25MHz
RMS Phase Jitter (Random)
637K to 10MHz = 0.780ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Fibre Channel Filter to raw data
Raw Phase Noise Data
Fibre Channel Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com