Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840011 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840011
Description  FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840011 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840011 Datasheet HTML 1Page - Integrated Circuit Systems ICS840011 Datasheet HTML 2Page - Integrated Circuit Systems ICS840011 Datasheet HTML 3Page - Integrated Circuit Systems ICS840011 Datasheet HTML 4Page - Integrated Circuit Systems ICS840011 Datasheet HTML 5Page - Integrated Circuit Systems ICS840011 Datasheet HTML 6Page - Integrated Circuit Systems ICS840011 Datasheet HTML 7Page - Integrated Circuit Systems ICS840011 Datasheet HTML 8Page - Integrated Circuit Systems ICS840011 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
840011AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 15, 2004
1
Integrated
Circuit
Systems, Inc.
ICS840011
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS840011 is a Fibre Channel Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS.
The ICS840011 uses a 26.5625MHz or 25MHz
crystal to synthesize 106.25MHz or 100MHz
respectively. The ICS840011 has excellent phase jitter
performance, from 637KHz – 10MHz integration range. The
ICS840011 is packaged in a small 8-pin TSSOP, making it
ideal for use in systems with limited board space.
FEATURES
• 1 LVCMOS/LVTTL output, 7Ω output impedence
• Crystal oscillator interface designed for a 26.5625MHz or
25MHz, 18pF parallel resonant crystal
• Output frequency: 106.25MHz (typical)
• VCO range: 560MHz to 680MHz
• RMS phase jitter @ 106.25MHz, using a 26.5625MHz crystal
(637KHz - 10MHz): 0.780ps (typical)
• RMS phase noise at 106.25MHz (typical)
Phase noise:
Offset
Noise Power
100Hz ............... -95.7 dBc/Hz
1KHz ................ -121 dBc/Hz
10KHz ................ -129 dBc/Hz
100KHz .............. -129.6 dBc/Hz
• 3.3V operating supply
• -30°C to 85°C ambient operating temperature
HiPerClockS™
ICS
ICS840011
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm package body
G Package
Top View
VDDA
OE
XTAL_OUT
XTAL_IN
1
2
3
4
VDD
Q0
GND
nc
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
OSC
Phase
Detector
VCO
637.5MHz w/
26.5625MHz Ref.
M = ÷24 (fixed)
÷6
XTAL_IN
XTAL_OUT
OE
Q0
FREQUENCY TABLE
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
z
H
M
(
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
5
2
6
5
.
6
25
2
.
6
0
1
5
20
0
1
(Pullup)


Similar Part No. - ICS840011

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840014AGI ICST-ICS840014AGI Datasheet
227Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A DECEMBER 23, 2004
ICS840014AGIT ICST-ICS840014AGIT Datasheet
227Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A DECEMBER 23, 2004
ICS840014I ICST-ICS840014I Datasheet
227Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A DECEMBER 23, 2004
More results

Similar Description - ICS840011

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840051 ICST-ICS840051 Datasheet
218Kb / 10P
FEMTOCLOCK CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 14, 2005
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS840022 ICST-ICS840022 Datasheet
208Kb / 10P
FEMTOCLOCKS?줓RYSTAL-TO LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 11, 2005
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
logo
Integrated Device Techn...
ICS840004I-01 IDT-ICS840004I-01 Datasheet
844Kb / 16P
FEMTOCLOCKS??CRYSTAL-TOLVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844008I-46 IDT-ICS844008I-46 Datasheet
317Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
840051 RENESAS-840051 Datasheet
338Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
9/1/15
ICS840051I RENESAS-ICS840051I Datasheet
368Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
5/20/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com