Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1700AS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS1700AS
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700AS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS1700AS Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ICS1700A
QuickSaver® Charge Controller for Nickel-Cadmium
and Nickel-Metal Hydride Batteries
General Description
The ICS1700A is a CMOS device designed for the intelligent
charge control of either nickel-cadmium (NiCd) or nickel-metal
hydride (NiMH) batteries. The controller uses a pulsed-current
charging technique together with voltage slope termination. The
ICS1700A employs a four stage charge sequence that provides a
complete recharge without overcharging. The controller has four
user-selectable charge rates available for customized charging
systems. The ICS1700A is a pin-for-pin replacement for the
original ICS1700 controller.
The ICS1700A monitors for the presence of a battery and begins
charging if a battery is installed within the first 10 seconds after a
reset. Voltage and temperature are measured to ensure a battery is
within fast charge conditions before charge is initiated.
Applications
Battery charging systems for:
-
Portable consumer electronics
-
Power tools
-
Audio/video equipment
-
Communications equipment
-
Wireless handsets
Features
Multiple charge termination methods include:
-
Voltage slope
-
Maximum temperature
-
Charge timer
Four stage charge sequence:
-
Soft start charge
-
Fast charge
-
Topping charge
-
Maintenance charge
Reverse-pulse charging available in all charge stages
Four programmable charge rates between 15 minutes (4C) and
two hours (C/2)
Out-of-temperature range detection
-
Hot battery: charger shutdown
-
Cold battery: low current charge
Ten second polling mode for battery detection
Battery fault with shutdown protection
Block Diagram
CHARGE
DISCHARGE
TEMPERATURE
SENSE
SELECT
CHARGE
VOLTAGE
SENSE
PROCESSOR
MICROCODE CONTROL
ADC
RAM
ROM
OUTPUT
CONTROL
RESET
2.0V
0.5V
HOT
COLD
CHARGE
MODE LED
CONTROL
CONTROL
POLLING/
FAULT LED
TEMPERATURE
STATUS LED
OSCILLATOR
RC


Similar Part No. - ICS1700AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1702M ETC-ICS1702M Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1702MT ETC-ICS1702MT Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1702N ETC-ICS1702N Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1708 ETC-ICS1708 Datasheet
936Kb / 16P
QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
More results

Similar Description - ICS1700AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
List of Unclassifed Man...
ICS1708 ETC-ICS1708 Datasheet
936Kb / 16P
QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Panasonic Battery Group
HHR60AAAH PANASONICBATTERY-HHR60AAAH Datasheet
28Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR120AA PANASONICBATTERY-HHR120AA Datasheet
24Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR210AH PANASONICBATTERY-HHR210AH Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR300SCP PANASONICBATTERY-HHR300SCP Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR380A PANASONICBATTERY-HHR380A Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com