Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1700AS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ICS1700AS
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700AS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ICS1700AS Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1700AS Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
ICS1700A
To set the voltage at the THERM pin for 1.67V at 25
°C, the
equivalent divider looks like Figure 9.
Table 3: Thermistor Voltage Thresholds
Using a thermal switch for hot battery detection:
A thermal switch that opens at about 45
°C is recommended. The
thermal switch must be connected between the THERM pin and
ground. When the thermal switch is closed, the voltage at the
THERM pin must be below 0.5V for normal operation. When the
thermal switch opens (see Figure 10), the internal pull-up at the
THERM pin will raise the voltage above 4.2V and the ICS1700A
will shut down and will not restart unless reset. Table 4 contains
the internal voltage thresholds used with a thermal switch.
Figure 9: Equivalent voltage divider
The parallel resistance R
|| is calculated:
R
|| = 5V - 1.67V
=20k
Ω.
1.67V/10k
The internal pull-up resistance R
pu
and the parallel resistance R
|| are
known so the external fixed resistor can be calculated from:
Rpu R||
Rfix = __________ .
Rpu - R||
Substituting in known values: R
fix = 27.27k
. A 27kstandard
value is used for R
fix.
Since the thermistor resistance R
th is specified by manufacturers at
a particular temperature, the voltage across the thermistor V
th at
that temperature can be calculated from:
Rth (5V)
Vth = __________ (5V),
Rpu + R||
with the drop across the resistor divider equal to 5V. For this
example, the calculated voltage with R
th=18k
at 10°C is 2.37V
and with R
th =4.7k
at 45°C the voltage is 0.95V. Table 3 lists the
internal thresholds for hot and cold battery detection. If the voltage
across the thermistor (at the THERM pin) drops below 0.93V, the
ICS1700A will shut down due to a hot battery fault condition and
will not restart unless reset. If the voltage dropped across the
thermistor is above 2.4V before fast charge is initiated, the
ICS1700A will begin a reduced current charge. See the Cold
Battery Charging section for more information.
Figure 10: Thermal switch to connection to
ground at the THERM pin
Table 4: Thermal Switch Voltage Thresholds
THERM pin
R = 75k
normally closed thermal switch
opens at 45ºC
V
DD
pu
Parameter
Voltage
Battery
Temperature
Cold Battery Thermistor
Voltage
>2.4
<10
°C
Hot Battery Thermistor
Voltage
<0.93
>45
°C
Parameter
Voltage
Battery
Temperature
Open Thermal Switch
Voltage
>4.2
>45
°C
Closed Thermal Switch
Voltage
<0.5
<45
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com