Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2005 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2005
Description  LM2005 20 Watt Automotive Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2005 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2005 Datasheet HTML 1Page - National Semiconductor (TI) LM2005 Datasheet HTML 2Page - National Semiconductor (TI) LM2005 Datasheet HTML 3Page - National Semiconductor (TI) LM2005 Datasheet HTML 4Page - National Semiconductor (TI) LM2005 Datasheet HTML 5Page - National Semiconductor (TI) LM2005 Datasheet HTML 6Page - National Semiconductor (TI) LM2005 Datasheet HTML 7Page - National Semiconductor (TI) LM2005 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
External Components (Figure 2)
Components
Comments
1 R1 R2
Sets voltage gain
R5 R4
AVj1a
R
R1
for one channel
AVe1a
R
R5
for the other
Where R’ is the equivalent resistance
of R2 in parallel with an internal 10k
resistor
R e
10k
 R2
R2a10k
If R2 m 10k then
AVj1a
R2
R1
2 R3
Adjusts output symmetry for maximum
power output
3 RO CO
Works to stabilize internal output
stage Necessary for stability CO
should be ceramic disc or equivalently
good high frequency capacitor
4 C1 C9
Input coupling capacitor Low
frequency pole set by
FL1e
1
2qZ (non-inverting) C1
Decreasing capacitor value will also
increase noise
Components
Comments
5 C4 C5
Bootstrap capacitors used to increase
drive to output stage
6 C3
Improves power supply rejection
Increasing C3 increases turn-on delay
(approximately 2 ms per mF)
7 C2 C6
Inverting input DC decouple Low
frequency pole
FL2e
1
2qZ(inverting)C2
Z (inverting)
10 kX
8 CC
Output coupling capacitor Isolates
pins 10 and 8 from load Low
frequency pole
FL3e
1
2qRLCC
9 CS
Power supply filtering
Typical Applications (Continued)
TLH5129 – 4
FIGURE 2 10WChannel Stereo Amplifier Application and Test Circuit
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com