Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2005 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2005
Description  LM2005 20 Watt Automotive Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2005 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2005 Datasheet HTML 1Page - National Semiconductor (TI) LM2005 Datasheet HTML 2Page - National Semiconductor (TI) LM2005 Datasheet HTML 3Page - National Semiconductor (TI) LM2005 Datasheet HTML 4Page - National Semiconductor (TI) LM2005 Datasheet HTML 5Page - National Semiconductor (TI) LM2005 Datasheet HTML 6Page - National Semiconductor (TI) LM2005 Datasheet HTML 7Page - National Semiconductor (TI) LM2005 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Hints
The high current capability of the LM2005 allows it to contin-
uously endure either AC or DC short circuit of the output
with a maximum supply voltage of 16V This will protect the
loudspeaker in a bridge mode when a DC short of the out-
put occurs on one side of the speaker The device will pre-
vent the speaker from destruction by reducing the DC
across the load (bridge mode) to typically less than 2
VDC(VSe144V RLe4X) by an internal current pullback
method
The LM2005 can withstand a constant 28 VDC on the supply
with no damage (maximum operating voltage is 18V) The
device is also protected from load dump or dangerous tran-
sients up to 40V for 50 ms (every 1000 ms) on the supply
with no damage
Protection diodes protect the device driving inductive loads
during which the load can generate voltages greater than
supply or less than ground levels The protection diodes will
clamp these transients to a safe VBE above and below the
rails
The bridge configuration in
Figure 3 is designed for applica-
tions requiring minimal printed circuit board area and maxi-
mum cost effectiveness The circuit will function with the
elimination of bootstrap components R3 C4 and C5 (refer
to
Figure 1 ) This will result in less output power by decreas-
ing output voltage swing to the load By using internal feed-
back resistors (typically 10 kX) feedback components R2
R3 and C2 (
Figure 1 ) may be omitted where closed loop
voltage gain accuracy is not critical The net result is a sta-
ble cost effective circuit that will satisfy many application
needs
TLH5129 – 6
AV e 415 dB
1 kHz
FIGURE 3 Minimal Component Application Circuit
Component Side (Scale 21)
TLH5129 – 7
FIGURE 4 Printed Circuit Board Layout for LM2005
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com