Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32701LB Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74ACT32701LB
Description  16-BIT D-TYPE LATCH PULS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT32701LB Datasheet(HTML) 4 Page - STMicroelectronics

  74ACT32701LB Datasheet HTML 1Page - STMicroelectronics 74ACT32701LB Datasheet HTML 2Page - STMicroelectronics 74ACT32701LB Datasheet HTML 3Page - STMicroelectronics 74ACT32701LB Datasheet HTML 4Page - STMicroelectronics 74ACT32701LB Datasheet HTML 5Page - STMicroelectronics 74ACT32701LB Datasheet HTML 6Page - STMicroelectronics 74ACT32701LB Datasheet HTML 7Page - STMicroelectronics 74ACT32701LB Datasheet HTML 8Page - STMicroelectronics 74ACT32701LB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74ACT32701
4/9
DC SPECIFICATIONS
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
AC ELECTRICAL CHARACTERISTICS (CL =50pF, RL = 500 Ω, Input tr =tf =3ns)
(*) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
Min.
Typ.
Max.
Min.
Max.
VIH
High Level Input Voltage
4.5
VO = 0.1 V or VCC-0.1V
2.0
2.0
V
5.5
2.0
2.0
VIL
Low Level Input Voltage
4.5
VO = 0.1 V or VCC-0.1V
0.8
0.8
5.5
0.8
0.8
V
VOH
High Level Output Voltage
4.5
IO=-50 µA
4.4
4.49
4.4
5.5
IO=-50 µA
5.4
5.49
5.4
4.5
IO=-24 mA
3.86
3.76
V
5.5
IO=-24 mA
4.86
4.76
VOL
Low Level Output Voltage
4.5
IO=50 µA
0.001
0.1
0.1
5.5
IO=50 µA
0.001
0.1
0.1
4.5
IO=24 mA
0.36
0.44
5.5
IO=24 mA
0.36
0.44
II
Input Leakage Current
5.5
VI =VCC or GND
± 0.1
± 1
µA
IOZ
High Impedance Output
Leakage Current
5.5
VI =VIH or VIIL
VO =
VCC or GND
± 0.5
± 5
µA
ICCT
Max ICC/Input
5.5
VI =VCC - 2.1V
0.9
1
mA
ICC
Quiescent Supply Current
5.5
VI =VCC or GND
880
µA
IOLD
Dynamic Output Current
(note 1, 2)
5.5
VOLD = 1.65 V max
75
mA
IOHD
VOHD = 3.85 V min.
-75
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay Time
5.0(*)
2.0
3.3
5.0
2.0
6.0
ns
tPHL
3.0
4.8
6.5
3.0
8.0
tPZL
Output Enable Time
5.0(*)
4.0
6.5
8.7
4.0
9.7
ns
tPZH
3.0
5.5
7.7
3.0
8.8
tPLZ
Output Disable Time
5.0(*)
4.0
6.0
8.0
4.0
9.2
ns
tPHZ
3.0
4.6
6.4
3.0
7.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com