Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32701LB Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74ACT32701LB
Description  16-BIT D-TYPE LATCH PULS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT32701LB Datasheet(HTML) 5 Page - STMicroelectronics

  74ACT32701LB Datasheet HTML 1Page - STMicroelectronics 74ACT32701LB Datasheet HTML 2Page - STMicroelectronics 74ACT32701LB Datasheet HTML 3Page - STMicroelectronics 74ACT32701LB Datasheet HTML 4Page - STMicroelectronics 74ACT32701LB Datasheet HTML 5Page - STMicroelectronics 74ACT32701LB Datasheet HTML 6Page - STMicroelectronics 74ACT32701LB Datasheet HTML 7Page - STMicroelectronics 74ACT32701LB Datasheet HTML 8Page - STMicroelectronics 74ACT32701LB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74ACT32701
5/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/n (per circuit)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL =R1 =500Ω or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
Min.
Typ.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
3.6
pF
COUT
Output Capacitance
5.0
11
pF
CPD
Power Dissipation Capaci-
tance (note 1)
5.0
fIN = 10MHz
42
pF
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
2VCC
tPZH, tPHZ
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com