Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1034 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1034
Description  Thermal Monitor and Fan Speed (RPM) Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1034 Datasheet(HTML) 1 Page - Analog Devices

  ADM1034 Datasheet HTML 1Page - Analog Devices ADM1034 Datasheet HTML 2Page - Analog Devices ADM1034 Datasheet HTML 3Page - Analog Devices ADM1034 Datasheet HTML 4Page - Analog Devices ADM1034 Datasheet HTML 5Page - Analog Devices ADM1034 Datasheet HTML 6Page - Analog Devices ADM1034 Datasheet HTML 7Page - Analog Devices ADM1034 Datasheet HTML 8Page - Analog Devices ADM1034 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Thermal Monitor and
Fan Speed (RPM) Controller
ADM1034
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
1 local and 2 remote temperature channels
±1°C accuracy on local and remote channels
Automatic remote temperature channels, up to 1 kΩ
Fast (up to 64 measurements per second)
SMBus 2.0, 1.1, and 1.0 compliant
SMBus address input/LOCATION input to UDID
Programmable over-/undertemperature limits
Programmable fault queue
SMBusALERT output
Fail-safe overtemperature comparator output
Fan speed (RPM) controller
Look-up table for temperature-to-fan-speed control
Linear and discrete options for look-up table
FAN_FAULToutput
THERM input, used to time PROCHOT assertions
REF input, used as reference for THERM (PROCHOT)
3 V to 5.5 V supply
Small 16-lead QSOP package
APPLICATIONS
Desktop and notebook PCs
Embedded systems
Telecommunications equipment
LCD projectors
FUNCTIONAL BLOCK DIAGRAM
ANALOG
MULTIPLEXER
TACH1
ALERT
THERM
SDA
SCL
GND
VCC
DRIVE1
ADM1034
TACH2
DRIVE2
LOCATION
SMBUS
ADDRESS
MASK
REGISTERS
FAULT
QUEUE
THERM PERCENT
TIMER
FAULT
QUEUE
HYSTERESIS
REGISTERS
OFFSET
REGISTERS
CONVERSION
RATE REGISTER
CONFIGURATION
REGISTERS
BAND GAP
REFERENCE
BAND GAP
TEMPERATURE
SENSOR
SRC
BLOCK
FAN
SPEED
COUNTER
TEMPERATURE-TO-
FAN-SPEED
LOOK-UP TABLE
MANUAL FAN
SPEED CONTROL
REGISTERS
FAN RESPONSE
TACH SIGNAL
CONDITIONING
FAN SPEED
CONTROLLER
ADC
LIMIT
COMPARATOR
VALUE AND
LIMIT
REGISTERS
STATUS
REGISTER
SERIAL BUS
INTERFACE
ADDRESS
POINTER
REGISTER
D2–
D2+
D1–
D1+
FAN_FAULT
REF
ALERT
THERM
15
8
14
7
16
6
5
12
11
10
9
8
4
2
3
1
13
Figure 1.


Similar Part No. - ADM1034

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1034ARQZ ONSEMI-ADM1034ARQZ Datasheet
426Kb / 39P
Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1034ARQZ-REEL ONSEMI-ADM1034ARQZ-REEL Datasheet
426Kb / 39P
Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
More results

Similar Description - ADM1034

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
Thermal Monitor and Fan Speed (RPM) Controller
8/04-Revision 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com