Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1034 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1034
Description  Thermal Monitor and Fan Speed (RPM) Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1034 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1034 Datasheet HTML 17Page - Analog Devices ADM1034 Datasheet HTML 18Page - Analog Devices ADM1034 Datasheet HTML 19Page - Analog Devices ADM1034 Datasheet HTML 20Page - Analog Devices ADM1034 Datasheet HTML 21Page - Analog Devices ADM1034 Datasheet HTML 22Page - Analog Devices ADM1034 Datasheet HTML 23Page - Analog Devices ADM1034 Datasheet HTML 24Page - Analog Devices ADM1034 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADM1034
Rev. 0 | Page 21 of 40
Table 16. Interrupt Status Register 1 (Reg. 0x4F)
Bit No.
Name
Description
7
LH
1 = Local high temperature limit has been
exceeded.
6
LL
1 = Local low temperature limit has been
exceeded.
5
R1H
1 = Remote 1 high temperature limit has
been exceeded.
4
R1L
1 = Remote 1 low temperature limit has
been exceeded.
3
R1D
1 = Remote 1 diode error; indicates an open
or short on the D1+/D1− pins.
2
R2H
1 = Remote 2 high temperature limit has
been exceeded.
1
R2L
1 = Remote 2 low temperature limit has
been exceeded.
0
R2D
1 = Remote 2 diode error; indicates an open
or short on the D2+/D2− pins.
Table 17. Status Register 2 (Reg. 0x50)
Bit No.
Name
Description
7
LT
1 = Local THERM temperature limit has
been exceeded.
6
R1T
1 = Remote 1 THERM temperature limit has
been exceeded.
5
R2T
1 = Remote 2 THERM temperature limit has
been exceeded.
4
T%
1 = THERM % ontime limit has been
exceeded.
3
TA
1 = One of the THERM limits has been
exceeded; and the THERM output signal
has been asserted.
2
TS
1 = THERM state. Indicates the THERM pin is
active; clears on a read if THERM is not
active. Does not generate an ALERT in
ALERT comp mode.
1
Res
Reserved.
0
Res
Reserved.
Table 18. Status Register 3 (Reg. 0x51)
Bit No.
Name
Description
7
F1S
1 = Fan 1 has stalled.
6
FA
1 = Fan alarm speed. Fan1 and Fan 2 are
running at alarm speed.
5
F2S
1 = Fan 2 has stalled.
4
Res
Reserved.
3
Res
Reserved.
2
Res
Reserved.
1
Res
Reserved.
0
ALERT
1 = ALERT low; indicates the ALERT line has
been pulled low.
ALERT INTERRUPT BEHAVIOR
The ADM1034 generates an ALERT whenever an out-of-limit
measurement is made (if it is not masked out). The user can
also detect out-of-limit conditions by polling the ADM1034
status registers. It is important to note how the SMBus ALERT
output behaves when writing interrupt handler software.
The ALERT output on the ADM1034 can be programmed to
operate in either SMBusALERT mode or in comp mode.
In SMBusALERT mode, the ALERT output remains low until
the measurement falls back within its programmed limits and
either the status register is read or an ARA is completed. In
comp mode, the ALERT output automatically resets once the
temperature measurement falls back within the programmed
limits.
Configuring the ALERT Output
For SMBusALERT mode, set the ALERT configuration bit
(Bit 3) of the Configuration Register 1 (Address 0x01) to 0.
In SMBusALERT mode, a status bit is set when a measurement
goes outside of its programmed limit. If the corresponding
mask bit is not set, the ALERT output is pulled low. If the
measured value falls back within the limits, the ALERT output
remains low until the corresponding status register is read or
until an ARA is completed (as long as no other measurement is
outside its limits).
For comp mode, set the ALERT configuration bit (Bit 3) of
Configuration Register 1 (Address 0x01) to1.
In comp mode, the ALERT output is automatically pulled low
when a measurement goes outside its programmed limits. Once
the measurement falls back within its limits (and assuming no
other measurement channel is outside its limits), the ALERT
output is automatically pulled high again.
The main difference between the two modes is that the
SMBusALERT does not reset without software intervention,
whereas the comp mode ALERT output automatically resets.
ALERT, 70
°C
TEMPERATURE
LIMITS
TIME
CLEARED
ON READ
ALERT COMP
SMBusALERT
Figure 31. ALERT Comparator and SMBusALERT Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com