Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM231N Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM231N
Description  Precision Voltage-to-Frequency Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM231N Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM231N Datasheet HTML 5Page - National Semiconductor (TI) LM231N Datasheet HTML 6Page - National Semiconductor (TI) LM231N Datasheet HTML 7Page - National Semiconductor (TI) LM231N Datasheet HTML 8Page - National Semiconductor (TI) LM231N Datasheet HTML 9Page - National Semiconductor (TI) LM231N Datasheet HTML 10Page - National Semiconductor (TI) LM231N Datasheet HTML 11Page - National Semiconductor (TI) LM231N Datasheet HTML 12Page - National Semiconductor (TI) LM231N Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Typical Applications (Continued)
DETAILS OF OPERATION, FREQUENCY-TO-
VOLTAGE CONVERTERS (
Figure 6 and Figure 7)
In these applications, a pulse input at f
IN is differentiated by
a C-R network and the negative-going edge at pin 6 causes
the input comparator to trigger the timer circuit. Just as with
a V-to-F converter, the average current flowing out of pin 1 is
I
AVERAGE = i x (1.1 RtCt)xf.
In the simple circuit of
Figure 6, this current is filtered in the
network R
L = 100 kΩ and 1 µF. The ripple will be less than 10
mV peak, but the response will be slow, with a 0.1 second
time constant, and settling of 0.7 second to 0.1% accuracy.
In the precision circuit, an operational amplifier provides a
buffered output and also acts as a 2-pole filter. The ripple will
be less than 5 mV peak for all frequencies above 1 kHz, and
the response time will be much quicker than in
Figure 6.
However, for input frequencies below 200 Hz, this circuit will
have worse ripple than
Figure 6. The engineering of the filter
time-constants to get adequate response and small enough
ripple simply requires a study of the compromises to be
made. Inherently, V-to-F converter response can be fast, but
F-to-V response can not.
DS005680-6
*Use stable components with low temperature coefficients.
See Typical Applications section.
**This resistor can be 5 k
Ω or 10 kΩ for VS=8V to 22V, but must be 10 kΩ for VS=4.5V to 8V.
***Use low offset voltage and low offset current op amps for A1: recommended types LF411A or LF356.
FIGURE 5. Precision Voltage-to-Frequency Converter,
100 kHz Full-Scale, ±0.03% Non-Linearity
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com