Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM231N Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM231N
Description  Precision Voltage-to-Frequency Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM231N Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM231N Datasheet HTML 6Page - National Semiconductor (TI) LM231N Datasheet HTML 7Page - National Semiconductor (TI) LM231N Datasheet HTML 8Page - National Semiconductor (TI) LM231N Datasheet HTML 9Page - National Semiconductor (TI) LM231N Datasheet HTML 10Page - National Semiconductor (TI) LM231N Datasheet HTML 11Page - National Semiconductor (TI) LM231N Datasheet HTML 12Page - National Semiconductor (TI) LM231N Datasheet HTML 13Page - National Semiconductor (TI) LM231N Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical Applications (Continued)
DS005680-7
*Use stable components with low temperature coefficients.
FIGURE 6. Simple Frequency-to-Voltage Converter,
10 kHz Full-Scale, ±0.06% Non-Linearity
DS005680-8
*Use stable components with low temperature coefficients.
FIGURE 7. Precision Frequency-to-Voltage Converter,
10 kHz Full-Scale with 2-Pole Filter, ±0.01%
Non-Linearity Maximum
Light Intensity to Frequency Converter
DS005680-9
*L14F-1, L14G-1 or L14H-1, photo transistor (General Electric Co.) or similar
Temperature to Frequency Converter
DS005680-10
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com