Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW2000 Datasheet(PDF) 5 Page - Total Power International

Part # MPW2000
Description  Efficiency up to 89%
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW2000 Datasheet(HTML) 5 Page - Total Power International

  MPW2000 Datasheet HTML 1Page - Total Power International MPW2000 Datasheet HTML 2Page - Total Power International MPW2000 Datasheet HTML 3Page - Total Power International MPW2000 Datasheet HTML 4Page - Total Power International MPW2000 Datasheet HTML 5Page - Total Power International MPW2000 Datasheet HTML 6Page - Total Power International MPW2000 Datasheet HTML 7Page - Total Power International MPW2000 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Derating Curve with Heatsink
Derating Curve without Heatsink
~
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
~
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
20
30
40
50
60
70
80
90
100
Load Current(%)
10
20
60
40
80
100
Load Current(%)
10
20
60
40
80
100
20
30
40
50
60
70
80
90
100
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
50
60
70
80
90
100
Nom
Low
High
Input Voltage (V)
Nom
Low
High
Input Voltage (V)
50
60
70
80
90
100
MPW2000 Series
Total Power International, Inc.
Toll Free: 877-646-0900(US)
www.total-power.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com