Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW2000 Datasheet(PDF) 8 Page - Total Power International

Part # MPW2000
Description  Efficiency up to 89%
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW2000 Datasheet(HTML) 8 Page - Total Power International

  MPW2000 Datasheet HTML 1Page - Total Power International MPW2000 Datasheet HTML 2Page - Total Power International MPW2000 Datasheet HTML 3Page - Total Power International MPW2000 Datasheet HTML 4Page - Total Power International MPW2000 Datasheet HTML 5Page - Total Power International MPW2000 Datasheet HTML 6Page - Total Power International MPW2000 Datasheet HTML 7Page - Total Power International MPW2000 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2.To upgrade the operating temperature of DC/DC converters, please
refer to Derating Curve.
1.To help heat dissipation and increase the stability and reliability of
DC/DC converters at high operating temperature atmosphere.
The advantages of adding a heatsink are:
2g
:
Weight
Anodic treatment (black)
:
Finish
Aluminum
:
Heat-sink Material
55.32[2.18] max.
16.3[0.64] max.
Heat-Sink
Thermal pad
Clamp
Converter
UL94V-0
:
Flammability
48g
:
Weight
Metal With Non-Conductive Baseplate
:
Case Material
2.0*1.6*0.37 inches
50.8*40.6*9.3 mm
:
Case Size
Physical Characteristics
Mechanical Dimensions
Trim
Trim
8
-Vout
-Vout
7
Common
+Vout
6
+Vout
No Pin
5
Remote On/Off
Remote On/Off
4
-Vin
-Vin
2
+Vin
+Vin
1
Dual Output
Single Output
Pin
Pin Connections
1. To order the converter with Heatsink, please add a suffix H (e.g. MPW2031H).
Notes2:
{0.002
{0.05
Pin diameter
X.XXX{0.01
X.XX{0.25
X.XX{0.02
X.X{0.5
Inches
Millimeters
Tolerance
MPW2000 Series
Total Power International, Inc.
Toll Free: 877-646-0900(US)
www.total-power.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com