Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSDWI03 Datasheet(PDF) 1 Page - Total Power International

Part # MSDWI03
Description  Input Filter meets EN 55022,class A and FCC, level A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSDWI03 Datasheet(HTML) 1 Page - Total Power International

  MSDWI03 Datasheet HTML 1Page - Total Power International MSDWI03 Datasheet HTML 2Page - Total Power International MSDWI03 Datasheet HTML 3Page - Total Power International MSDWI03 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
►Ultra compact SMD Package
24.0 x 13.7 x 8.0 mm (0.94 x 0.54 x 0.31 inches)
►Efficiency up to 80%
►I/O-isolation 1500VDC
►Ultra-wide 4:1 Input Range
►Operating Temp. Range -40°C to +80°C
►Remote On/Off Control
►Input Filter meets EN 55022,class A and FCC, level A
►CSA/UL/IEC/EN 60950-1 Safety Approval
►Qualified for lead-free Reflow Solder Process according
IPC/JEDEC J-STD-020D
► 3 Years Product Warranty
PRODUCT OVERVIEW
MSDWI03 series power modules are in mini-SMD DC/DC converters that operate over input voltage ranges of 9-36VDC and 18-75VDC which provide
precisely regulated output voltages of 3.3V, 5V, 12V, 15V, 24V, ±5V, ±12V and ±15VDC.
Pin compatible with the MDW1000 series, the MDWI03 offers a power rating up to 3W and a typical full-load efficiency of 80%, continuous short circuit,
remote on/off control, EN55022 Class A conducted noise compliance minimize design-in time, cost and eliminate the need for external filtering.
The MSDWI03 series is an excellent selection for data communication equipment, mobile battery driven equipment, distributed power system,
telecommunication equipment, mixed analog/digital subsystem, process/machine control equipment, computer peripheral equipment and industrial robot
system.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
μF
%
MSDWI03-24S033
3.3
600
90
110
220
75
MSDWI03-24S05
5
600
90
160
220
78
MSDWI03-24S12
12
250
38
156
47
80
MSDWI03-24S15
15
200
30
156
47
80
MSDWI03-24S24
24
125
19
156
47
80
MSDWI03-24D05
±5
±300
±45
162
47#
77
MSDWI03-24D12
±12
±125
±19
156
47#
80
MSDWI03-24D15
24
(9 ~ 36)
±15
±100
±15
156
30
47#
80
MSDWI03-48S033
3.3
600
90
55
220
75
MSDWI03-48S05
5
600
90
80
220
78
MSDWI03-48S12
12
250
38
78
47
80
MSDWI03-48S15
15
200
30
78
47
80
MSDWI03-48S24
24
125
19
78
47
80
MSDWI03-48D05
±5
±300
±45
81
47#
77
MSDWI03-48D12
±12
±125
±19
78
47#
80
MSDWI03-48D15
48
(18 ~ 75)
±15
±100
±15
78
20
47#
80
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
4.5
6
8.5
Start-Up Threshold Voltage
48V Input Models
8.5
12
17
24V Input Models
---
---
8
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Short Circuit Input Power
---
---
2000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MSDWI03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSDWI03 MINMAX-MSDWI03 Datasheet
335Kb / 4P
DC/DC CONVERTER 3W, Ultra compact SMD Package
MSDWI03-24D05 MINMAX-MSDWI03-24D05 Datasheet
335Kb / 4P
DC/DC CONVERTER 3W, Ultra compact SMD Package
MSDWI03-24D12 MINMAX-MSDWI03-24D12 Datasheet
335Kb / 4P
DC/DC CONVERTER 3W, Ultra compact SMD Package
MSDWI03-24D15 MINMAX-MSDWI03-24D15 Datasheet
335Kb / 4P
DC/DC CONVERTER 3W, Ultra compact SMD Package
MSDWI03-24S033 MINMAX-MSDWI03-24S033 Datasheet
335Kb / 4P
DC/DC CONVERTER 3W, Ultra compact SMD Package
More results

Similar Description - MSDWI03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LE507 ETC-LE507 Datasheet
66Kb / 3P
Class A Output Stage with Input Biasing
logo
Power-One
ABC60-1005G POWER-ONE-ABC60-1005G Datasheet
569Kb / 4P
60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
ABC201-1005G POWER-ONE-ABC201-1005G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Hammond Manufacturing L...
1421CNB HAMMOND-1421CNB Datasheet
72Kb / 1P
ECROU A CAGE A TROU CARRE M6, EN NICKEL
1421CNC HAMMOND-1421CNC Datasheet
71Kb / 1P
ECROU A CAGE A TROU CARRE 12-24, EN NICKEL
RRAL HAMMOND-RRAL Datasheet
54Kb / 1P
Bati ouvert a 2 montants a assembler en aluminium
logo
Powerbox
CFM-201S POWERBOX-CFM-201S Datasheet
341Kb / 2P
Conductive EMI Meets CISPR/FCC Class B
logo
Total Power Internation...
MKW2000 TOTAL-POWER-MKW2000 Datasheet
460Kb / 4P
Input Filter meets EN 55022,class A and FCC, level A
TPES34 TOTAL-POWER-TPES34 Datasheet
394Kb / 2P
EMI MEET EN 55022 / FCC CLASS B
logo
Hongfa Technology
HFD3 HONGFA-HFD3_17 Datasheet
213Kb / 6P
Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com