Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8063-E/MD Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP8063-E/MD
Description  3-Phase Brushless Sinusoidal Sensorless Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8063-E/MD Datasheet(HTML) 4 Page - Microchip Technology

  MCP8063-E/MD Datasheet HTML 1Page - Microchip Technology MCP8063-E/MD Datasheet HTML 2Page - Microchip Technology MCP8063-E/MD Datasheet HTML 3Page - Microchip Technology MCP8063-E/MD Datasheet HTML 4Page - Microchip Technology MCP8063-E/MD Datasheet HTML 5Page - Microchip Technology MCP8063-E/MD Datasheet HTML 6Page - Microchip Technology MCP8063-E/MD Datasheet HTML 7Page - Microchip Technology MCP8063-E/MD Datasheet HTML 8Page - Microchip Technology MCP8063-E/MD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP8063
DS20005257B-page 4
 2014 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Power Supply Voltage (VDD_MAX) .................... -0.7 to +16.0V
Maximum OUT1,2,3 Voltage (VOUT_MAX) ........ -0.7 to +16.0V
Maximum Output Current(1) (IOUT_MAX) ...........-1.7A to +1.7A
FG Maximum Output Voltage (VFG_MAX) ......... -0.7 to +16.0V
FG Maximum Output Current (IFG_MAX).....................5.0 mA
VBIAS Maximum Voltage (VBIAS_MAX) ................ -0.7 to +4.0V
PWM Maximum Voltage (VPWM_MAX) ................ -0.7 to +4.0V
Maximum Junction Temperature (TJ)..........................+150°C
HBM ESD protection on all pins.......................................4 kV
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
Note 1:
OUT1, OUT2, OUT3 (Continuous,
100% duty cycle).
ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise specified, all limits are established for VDD = 12.0V,
Temperature = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Voltage
VDD
2—
14
V
Power Supply Current
IVDD
—
—
10
—
—
mA
mA
Rotation Mode
5
Lock-Protection Mode
OUT1/2/3
High Resistance
RON(H)
—0.6
1
Ω
IOUT =0.5A, VDD = 3.3V to 14V
(Note 1)
OUT1/2/3
Low Resistance
RON(L)
—0.6
1
Ω
IOUT = -0.5A, VDD = 3.3V to 14V
(Note 1)
OUT1/2/3
Total Resistance
RON(H+L)
—1.2
2
Ω
IOUT =0.5A, VDD = 3.3V to 14V
(Note 1)
OUT1/2/3 Maximum
Current Limitation
IOUT_LIM
1.4
1.5
1.6
A
Note 1
VBIAS Output Voltage
VBIAS
—
—
3—
—
VVDD = 3.3V to 14V
VDD –0.2
V
VDD <3.3V
PWM Input Frequency
fPWM
0.02
—
100
kHz
PWM Input H Level
VPWM_H 0.8 × VBIAS
—3.6
V
PWM Input L Level
VPWM_L
0—
0.2 × VBIAS
V
PWM Internal Pull-Up
Current
IPWM_L
17
34
—
µA
PWM = GND, VDD = 3.3V to 14V
8
17
—
µA
PWM = GND, VDD <3.3V
PWM Output
Frequency
fPWM_O
—23
—
kHz
FG Output Pin Low
Level Voltage
VOL_FG
—
—
0.25
V
IFG =-1 mA
FG Output Pin Leakage
Current
ILH_FG
——
10
µA
VFG =14V
Lock Protection
Operating Time
TRUN
—0.5
—
s
Lock Protection
Waiting Time
TWAIT
4.0
4.5
5.0
s
Note 1:
Minimum and maximum parameter is not production tested and is specified by design and validation.
Reference PCB, according to JEDEC standard EIA/JESD 51-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com