Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8063-E/MD Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP8063-E/MD
Description  3-Phase Brushless Sinusoidal Sensorless Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8063-E/MD Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP8063-E/MD Datasheet HTML 3Page - Microchip Technology MCP8063-E/MD Datasheet HTML 4Page - Microchip Technology MCP8063-E/MD Datasheet HTML 5Page - Microchip Technology MCP8063-E/MD Datasheet HTML 6Page - Microchip Technology MCP8063-E/MD Datasheet HTML 7Page - Microchip Technology MCP8063-E/MD Datasheet HTML 8Page - Microchip Technology MCP8063-E/MD Datasheet HTML 9Page - Microchip Technology MCP8063-E/MD Datasheet HTML 10Page - Microchip Technology MCP8063-E/MD Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2014 Microchip Technology Inc.
DS20005257B-page 7
MCP8063
Note:
Unless otherwise indicated, TA =+25°C, VDD = 14V, OUT1, 2, 3 and PWM open.
FIGURE 2-7:
FG Output Pin Low Level
Voltage (IFG =-1mA).
FIGURE 2-8:
PWM Pull-Up Current vs.
Temperature.
FIGURE 2-9:
Typical Output on Start-Up.
FIGURE 2-10:
Typical Outputs on Closed
Loop.
FIGURE 2-11:
Typical Rotor Lock Situation.
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (C°)
V
DD = 3.3V
V
DD = 2V
-40
-35
-30
-25
-20
-15
-10
-5
0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (C°)
V
DD = 2V
V
DD = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com