Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM331N
Description  Precision Voltage-to-Frequency Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM331N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM331N Datasheet HTML 1Page - National Semiconductor (TI) LM331N Datasheet HTML 2Page - National Semiconductor (TI) LM331N Datasheet HTML 3Page - National Semiconductor (TI) LM331N Datasheet HTML 4Page - National Semiconductor (TI) LM331N Datasheet HTML 5Page - National Semiconductor (TI) LM331N Datasheet HTML 6Page - National Semiconductor (TI) LM331N Datasheet HTML 7Page - National Semiconductor (TI) LM331N Datasheet HTML 8Page - National Semiconductor (TI) LM331N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM231A/LM231/LM331A/LM331
Precision Voltage-to-Frequency Converters
General Description
The LM231/LM331 family of voltage-to-frequency converters
are ideally suited for use in simple low-cost circuits for
analog-to-digital conversion, precision frequency-to-voltage
conversion, long-term integration, linear frequency modula-
tion or demodulation, and many other functions. The output
when used as a voltage-to-frequency converter is a pulse
train at a frequency precisely proportional to the applied in-
put voltage. Thus, it provides all the inherent advantages of
the voltage-to-frequency conversion techniques, and is easy
to apply in all standard voltage-to-frequency converter appli-
cations. Further, the LM231A/LM331A attain a new high
level of accuracy versus temperature which could only be at-
tained with expensive voltage-to-frequency modules. Addi-
tionally the LM231/331 are ideally suited for use in digital
systems at low power supply voltages and can provide
low-cost
analog-to-digital
conversion
in
microprocessor-controlled systems. And, the frequency from
a battery powered voltage-to-frequency converter can be
easily channeled through a simple photoisolator to provide
isolation against high common mode levels.
The LM231/LM331 utilize a new temperature-compensated
band-gap reference circuit, to provide excellent accuracy
over the full operating temperature range, at power supplies
as low as 4.0V. The precision timer circuit has low bias cur-
rents without degrading the quick response necessary for
100 kHz voltage-to-frequency conversion. And the output
are capable of driving 3 TTL loads, or a high voltage output
up to 40V, yet is short-circuit-proof against V
CC.
Features
n Guaranteed linearity 0.01% max
n Improved performance in existing voltage-to-frequency
conversion applications
n Split or single supply operation
n Operates on single 5V supply
n Pulse output compatible with all logic forms
n Excellent temperature stability, ±50 ppm/˚C max
n Low power dissipation, 15 mW typical at 5V
n Wide dynamic range, 100 dB min at 10 kHz full scale
frequency
n Wide range of full scale frequency, 1 Hz to 100 kHz
n Low cost
Typical Applications
Teflon® is a registered trademark of DuPont
DS005680-1
*Use stable components with low temperature coefficients. See Typical Applications section.
**0.1µF or 1µF, See “Principles of Operation.”
FIGURE 1. Simple Stand-Alone Voltage-to-Frequency Converter
with ±0.03% Typical Linearity (f = 10 Hz to 11 kHz)
June 1999
© 1999 National Semiconductor Corporation
DS005680
www.national.com


Similar Part No. - LM331N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM331N NSC-LM331N Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
logo
Fairchild Semiconductor
LM331N FAIRCHILD-LM331N Datasheet
49Kb / 6P
V-F Converter
logo
Texas Instruments
LM331N TI-LM331N Datasheet
778Kb / 20P
LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
LM331N/NOPB TI1-LM331N/NOPB Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
LM331N/NOPB TI2-LM331N/NOPB Datasheet
1,021Kb / 24P
LMx31x Precision Voltage-to-Frequency Converters
REVISED SEPTEMBER 2015
More results

Similar Description - LM331N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM331N TI-LM331N Datasheet
778Kb / 20P
LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com