Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400WTransient Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # 400WTransient
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

400WTransient Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  400WTransient Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 400WTransient Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 400WTransient Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 400WTransient Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.yeashin.com
4
REV.04 20150105
P4KE Series
DEVICE CHARACTERISTICS
100
10
1.0
0.1
0.1US
1.0ms
10ms
td
SEC
,PULSE WIDTH,
FIGURE 1-PEAK PULSE POWER RATING VERSUS
PULSE TIME CURVE
1.0US
10US
100US
Non-Repetitve
Pulse Wavefom
Shown in Flgure3
TA=25 C
TA
, AMBIENT TEMPERATUER, C
FIGURE2-PULSE DERATING CURVE
t, TIME,ms
FIGURE 3-PULSE WAVEFORM
01.0
2.0
3.0
4.0
0
50
100
150
TA=25 C
PulseWidth(td)isDefined
as the Point Where the Peak
Current Decays to 50% of Ipp
tf=10 u sec
10/1000 u sec Waveform
as Defined bye R.E.A.
Peak Value
Ippm
Half Value-Ipp
2
e-kt
1.0
2.0
10
20
100
200
100
1,000
10,000
10
5
V(
), BREAKDOWN VOLTAGE, VOLTS
BR
FIG.4-TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
Tj=25 C
f=1.0MHZ
Vsig=50mVp-p
Measured at
Zero Bias
Measured at
Stand- Off
Voltahe(V
)
MW
FIG.5-MAXIMUM NON-REPETITEVE
PEAK FORWARD SURGE CURRENT
UNIDIRECTIONAL
td
100
75
50
25
0
125
150
175
200
25
50
75
100
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com