Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400WTransient Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 400WTransient
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

400WTransient Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  400WTransient Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 400WTransient Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 400WTransient Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 400WTransient Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
P4KE Series
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
400 Watt Peak Power 1.0 Watt Steady
State VOLTAGE- 6.8 to 540 Volts
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
Glass passivated chip junction in DO-41 package
•
600W surge capability at 1ms
•
Excellent clamping capability
•
Low zener impedance
•
Fast response time: typically less than 1.0 ps from 0 volts to BV min
•
Typical IR less than 1µA above 10V
•
High temperature soldering guaranteed: 260°C/10 seconds/.375",(9.5mm) lead
length/5lbs., (2.3kg) tension
High temperature soldering : 260
•
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
•
environment substance directive request
MECHANICAL DATA
•
Case: JEDEC DO-41 Molded plastic
•
Terminals: Axial leads, solderable per MIL-STD-202, Method 208
•
Polarity: Color band denoted cathode except Bipolar
•
Mounting Position: Any
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
.034 (.86)
.028 (.71)
.205 (5.2)
.16
0 (4.1)
.107 (2.7)
.080 (2.0)
DIA.
DIA.
DO-41
Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
RATING
SYMBOL
VALUE
UNITS
Peak Power Dissipation on 10/1000us waveform (Note1.2 , Fig.1)
Ppp
400
Watts
I
40
Amps
Peak Pulse Current on 10/1000s waveform(Note 1 , Fig.3)
See Table 1
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig.2.
2. Mounted on 5.0 mm (0.13mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Peak Forward Surge Current, 8.3ms single half sine - wave
uni- directional only(JEDEC method) (Notes 2,3)
2
FSM
IPP
•
Quantify Per Reel : 5000 pcs
http://www.yeashin.com
1
REV.04 20150105


Similar Part No. - 400WTransient

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
400WA10M12.5X16 ONSEMI-400WA10M12.5X16 Datasheet
93Kb / 10P
Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
June, 2003 - Rev. 1
logo
List of Unclassifed Man...
400WC ETC-400WC Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
SiPower Inc.
400WP4KE SIPOWER-400WP4KE Datasheet
955Kb / 4P
Transisient Voltage Supressor
logo
RUBYCON CORPORATION
400WXA10M125X16 RUBYCON-400WXA10M125X16 Datasheet
50Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400WXA10M16X16 RUBYCON-400WXA10M16X16 Datasheet
50Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400WTransient

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP PANJIT-3KP_07 Datasheet
90Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3KP5.0A MDE-3KP5.0A Datasheet
62Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6SBMJ6.8CAPT CHENMKO-P6SBMJ6.8CAPT Datasheet
101Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
5KP5.0 CHENDA-5KP5.0_V01 Datasheet
685Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
30KP28A YFWDIODE-30KP28A Datasheet
421Kb / 4P
Glass Passivated Junction Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com