Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPS50A-39 Datasheet(PDF) 2 Page - Total Power International

Part # PPS50A-39
Description  TPS50A SWITCHING MODE 50 WATT ADAPTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PPS50A-39 Datasheet(HTML) 2 Page - Total Power International

  PPS50A-39 Datasheet HTML 1Page - Total Power International PPS50A-39 Datasheet HTML 2Page - Total Power International PPS50A-39 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPS50A
SWITCHING MODE 50W ADAPTERS
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS50A-10
+5V
Fixed
8A
12A
0A
±
5%
±
1%
60W Typical
TPS50A-11
+12V
Fixed
4.2A
5A
0A
±
5%
±
1%
60W Typical
TPS50A-12
+15V
Fixed
3.33A
4A
0A
±
5%
±
1%
60W Typical
TPS50A-13
+24V
Fixed
2.08A
2.5A
0A
±
5%
±
1%
60W Typical
TPS50A-14
+48V
Fixed
1.04A
1.2A
0A
±
5%
±
1%
60W Typical
TPS50A-15
+36V
Fixed
1.4A
1.6A
0A
±
5%
±
1%
60W Typical
TPS50A-17
+9V
Fixed
5.5A
6.6A
0A
±
5%
±
1%
60W Typical
TPS50A-18
+3.3V
Fixed
8A
13.6A
0A
±
5%
±
1.5%
45W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
TPS50A-20Y
+12V
Fixed
1.25A
1.56A
0.12A
±
5%
±
1%
55W Typical
+5 V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
TPS50A-21Y
+15V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
55W Typical
+5 V
Fixed
7A
9.1A
0.7A
±
5%
±
1%
TPS50A-22Y
- 5V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
55W Typical
+12V
Fixed
1.66A
2.9A
0.17A
±
5%
±
1%
TPS50A-23
- 12V
Fixed
1.66A
2.9A
0.17A
±
10%
±
1%
55W Typical
+15V
Fixed
1.33A
2.4A
0.13A
±
5%
±
1%
TPS50A-24
- 15V
Fixed
1.33A
2.4A
0.13A
±
10%
±
1%
55W Typical
+5V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
TPS50A-25Y
+24V
Fixed
0.63A
0.82A
0.06A
±
5%
±
1%
55W Typical
+3.3V
Fixed
7A
9.1A
0.7A
±
5%
±
1.5%
TPS50A-26Y
+12V
Fixed
1.4A
1.82A
0.14A
±
5%
±
1%
45W Typical
+3.3 V
Fixed
7A
0.82A
0.7A
±
5%
±
1.5%
TPS50A-27Y
+24V
Fixed
0.7A
0.91A
0.07A
±
5%
±
1%
45W Typical
+3.3 V
Fixed
7A
9.1A
0.7A
±
5%
±
1.5%
TPS50A-28Y
+5V
Fixed
3.4A
4.42A
0.34A
±
5%
±
1%
45W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
+12V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
TPS50A-30Y
- 5 V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
55W Typical
+ 5V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
+12V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
TPS50A-31Y
-12V
Fixed
0.25A
0.33A
0.02A
±
10%
±
1%
55W Typical
+ 5V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
+15V
Fixed
0.8A
1.04A
0.08A
±
5%
±
1%
TPS50A-32Y
-15V
Fixed
0.2A
0.26A
0.02A
±
10%
±
1%
55W Typical
+ 5V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
+15V
Fixed
0.8A
1.04A
0.08A
±
5%
±
1%
TPS50A-33Y
- 5 V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
55W Typical
+ 5V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
+15V
Fixed
0.8A
1.04A
0.08A
±
5%
±
1%
TPS50A-34Y
-12V
Fixed
0.25A
0.33A
0.02A
±
10%
±
1%
55W Typical
+ 5 V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
+24V
Fixed
0.5A
0.65A
0.05A
±
5%
±
1%
TPS50A-35Y
-12V
Fixed
0.25A
0.33A
0.02A
±
10%
±
1%
55W Typical
+ 5V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
+12V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
TPS50A-36Y
- 12V
Fixed
0.5A
0.65A
0.05A
±
10%
±
1%
55W Typical
+ 5V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
+12V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
TPS50A-37Y
+24 V
Fixed
0.25A
0.33A
0.02A
±
10%
±
1%
55W Typical
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com