Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPS50A-39 Datasheet(PDF) 1 Page - Total Power International

Part # PPS50A-39
Description  TPS50A SWITCHING MODE 50 WATT ADAPTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PPS50A-39 Datasheet(HTML) 1 Page - Total Power International

  PPS50A-39 Datasheet HTML 1Page - Total Power International PPS50A-39 Datasheet HTML 2Page - Total Power International PPS50A-39 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PPS50A
SWITCHING MODE 50W ADAPTERS
KEY FEATURS
*Universal input
*Built-in EMI filter
*Optional constant current charger
*Optional±12VDC/±24VDC/±48VDC input
*Optional output cable and plug
*Optional constant current change (for single output)
APPLICATIONS
*Telecommunications
*Computer peripherals/Set-Top Box
*Test & industrial equipments
*Medical instruments
*Business machines
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------30A typical, Cold start @25℃,115VAC
*Efficiency------------65% ~80% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----40W (Multi)/50W (Single)
(Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection.
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/- 0.5% per inquiry)
50W
40W
30W
20W
10W
20W
Power Derating Curve
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE,EN 61000-3-2 (Class A) and –3; EN61000-4-2,
-3,-4,-5,-6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601 (EMI Class A) (COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
40℃ambient; derate each output at 2% per
degree from 40℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER INT'L
TPS50A SWITCHING MODE 50 WATT ADAPTERS
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - PPS50A-39

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PPS5100 DIOTEC-PPS5100 Datasheet
133Kb / 2P
Surface Mount Schottky Rectifier Diodes
PPS5100 DIOTEC-PPS5100 Datasheet
159Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPS5100 DIOTEC-PPS5100 Datasheet
142Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPS520 DIOTEC-PPS520 Datasheet
133Kb / 2P
Surface Mount Schottky Rectifier Diodes
PPS520 DIOTEC-PPS520 Datasheet
159Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - PPS50A-39

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
15 Watt Desktop Switching Power Adapters
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
24 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
45 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
40-60 Watt Desktop Switching Power Adapters
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
50-80W Switching Power Adapters
TUP110 TRUMPOWER-TUP110 Datasheet
183Kb / 2P
110 WATT POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
180 WATT POWER ADAPTERS
3RE TRUMPOWER-3RE Datasheet
226Kb / 2P
120 WATT POWER ADAPTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com