Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM24 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM24
Description  Monolithic Triple 7 ns CRT Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM24 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM24 Datasheet HTML 1Page - National Semiconductor (TI) LM24 Datasheet HTML 2Page - National Semiconductor (TI) LM24 Datasheet HTML 3Page - National Semiconductor (TI) LM24 Datasheet HTML 4Page - National Semiconductor (TI) LM24 Datasheet HTML 5Page - National Semiconductor (TI) LM24 Datasheet HTML 6Page - National Semiconductor (TI) LM24 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application Hints (Continued)
the supply pin as is practical (preferably less than 1⁄4" from
the supply pin). Additionally, a 10 µF to 100 µF electrolytic
capacitor should be connected from the supply pin to
ground. The electrolytic capacitor should also be placed rea-
sonably close to the LM2405’s supply pin. A 0.1 µF capacitor
should be connected from the bias pin, V
BB, to ground, as
close as is practical to the part.
ARC PROTECTION
During normal CRT operation, internal arcing may occasion-
ally occur. Spark gaps of 200V to 300V at the cathodes will
limit the maximum voltage, but to a value that is much higher
than allowable on the LM2405. This fast, high voltage, high
energy pulse can damage the LM2405 output stage. The ad-
dition of clamp diodes D1 and D2 (as shown in
Figure 7) will
help clamp the voltage at the output of the LM2405 to a safe
level. The clamp diodes should have a fast transient re-
sponse, high peak current rating, low series impedance and
low shunt capacitance. FDH400 or equivalent diodes are
recommended. Resistor R2 in
Figure 7 limits the arcover
current while R1 limits the current into the LM2405 and re-
duces the power dissipation of the output transistors when
the output is stressed beyond the supply voltage. (Peaking
inductor Lp also helps protect the CRT driver from arc over.)
Having large value resistors for R1 and R2 would be desir-
able, but this has the effect of increasing rise and fall times.
For proper arc protection, it is important to not omit any of the
arc protection components shown in
Figure 7.
There are also ESD protection diodes built into the part. To
avoid damaging these diodes, do not apply an input voltage
from a low impedance source when the V
BB and VCC pins
are held at ground potential.
IMPROVING RISE AND FALL TIMES
Because of an emitter follower output stage, the rise and fall
times of the LM2405 are relatively insensitive to capactive
loading. However, the series resistors R1 and R2 (see
Fig-
ure 7) will increase the rise and fall times when driving the
CRT’s cathode which appears as a capacitive load. The ca-
pacitance at the cathode typically ranges from 8 pF to 12 pF.
To improve the rise and fall times at the cathode, a small in-
ductor is often used in series with the output of the amplifier.
The inductor L
P in Figure 7 peaks the amplifier’s frequency
response at the cathode, thus improving rise and fall times.
It also acts with the output load capacitance to form a low
pass filter, which reduces the amplitudes of high frequency
harmonics of the video signal, to lower radiated electromag-
netic interference. The inductor value is empirically deter-
mined and is dependent on the load. An inductor value of
0.22 µH is a good starting value. Note that excessive peak-
ing of the amplifier’s frequency response will increase the
overshoot. (Increasing the value of resistor R1 or R2 will re-
duce ringing and overshoot.)
EFFECT OF LOAD CAPACITANCE
The output rise and fall times will be slower than specified if
the load capacitance at the output is more than 8 pF, as
shown in
Figure 8.
The monitor designer should ensure that stray capacitance
applied to the LM2405 is as low as possible.
THERMAL CONSIDERATIONS
Power supply current increases as the input signal increases
and consequently power dissipation also increases.
The LM2405 cannot be used without heat sinking. Typical
“average” power dissipation with the device output voltage at
one half the supply voltage is 2.4W per channel for a total
dissipation of 7.2W package dissipation. Under white screen
conditions, i.e., 25V output, dissipation increases to 3.5W
per channel or 10.5W total. The LM2405 case temperature
must be maintained below 100˚C. If the maximum expected
ambient temperature is 50˚C, then a maximum heat sink
thermal resistance can be calculated:
This example assumes a typical CRT capacitive load and is
without a resistive load. Note that this thermal resistance
must be achieved when the heat sink is operating in the
monitor.
INPUT RESISTANCE
The LM2405 has a fixed resistor of 3000
Ω connected from
each signal input pin to ground. In the
Figure 2 Test Circuit,
the input DC voltage level, Vtest, must be adjusted, (to about
+3.5V) to allow for the voltage drop across the 1000
Ω resis-
tor, to set the actual voltage at the input pins to +2.6V. In ac-
tual use in a monitor, the 1000
Ω resistor is not used and the
video preamp supplies the 2.6V offset.
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance, an adequate ground plane, isola-
tion between channels, good supply bypassing and minimiz-
ing unwanted feedback are necessary. Also, the length of the
DS012682-8
FIGURE 7. One Section of the LM2405 with Arc
Protection and Peaking Inductor L
P
DS012682-9
FIGURE 8. Effect of Load Capacitance on
Rise/Fall Time
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com