Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM24 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM24
Description  Monolithic Triple 7 ns CRT Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM24 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM24 Datasheet HTML 1Page - National Semiconductor (TI) LM24 Datasheet HTML 2Page - National Semiconductor (TI) LM24 Datasheet HTML 3Page - National Semiconductor (TI) LM24 Datasheet HTML 4Page - National Semiconductor (TI) LM24 Datasheet HTML 5Page - National Semiconductor (TI) LM24 Datasheet HTML 6Page - National Semiconductor (TI) LM24 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Notes 1, 3)
Supply Voltage (V
CC)
+90V
Bias Voltage (V
BB)
+16V
Input Voltage (V
IN)
−0.5V to V
BIAS + 0.5V
Storage Temperature Range
(T
STG)
−65˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
300˚C
ESD Tolerance
2 kV
Operating Ranges (Note 2)
V
CC
+60V to +85V
V
BB
+8V to +15V
V
IN
0V to +6V
Case Temperature (T
CASE)
−20˚C to +100˚C
Do not operate the part without a heat sink.
Electrical Characteristics
Unless otherwise noted: V
CC = +80V, VBB = +12V, VIN = +2.6V (at LM2405 input pins), CL = 8 pF, Output = 40 VPP at 1 MHz,
T
A = 25˚C.
Symbol
Parameter
Conditions
LM2405
Units
Min
Typical
Max
I
CC
Supply Current
Per Channel, No Output Load
18
30
mA
I
BB
Bias Current
38
mA
V
OUT
DC Output Voltage
No Input Signal
47
50
53
V
DC
A
V
DC Voltage Gain
No Input Signal
−12
−14
−16
∆A
V
Gain Matching
No Input Signal (Note 4)
1.0
dB
LE
Linearity Error
No Input Signal (Notes 4, 5)
8
%
t
R
Rise Time
10% to 90%
7ns
t
F
Fall Time
90% to 10%
5.5
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Calculated value from Voltage Gain test on each channel.
Note 5: Linearity Error is the variation in DC gain from VIN = + 1.3V to VIN = +3.9V.
Note 6: Input from signal generator: tR,tF < 1 ns.
AC Test Circuit
Figure 2 shows a typical test circuit for evaluation of the
LM2405. This circuit is designed to allow testing of the
LM2405 in a 50
Ω environment, such as a pulse generator,
oscilloscope or network analyzer. The 4950
Ω resistor at the
output forms a 100:1 voltage divider when connected to a
50
Ω load.
DS012682-3
Note: 8 pF is total load plus parasitic capacitance.
Note: Adjust Vtest for +2.6V DC at LM2405 input pins. See “Input Resistance” section of Application Hints.
FIGURE 2. Test Circuit (One Channel)
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com